công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-01A-207-C2-R0

  • AI
    The **ATS-01A-207-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed for thermal management in electronic systems. ### 1. Technical Specifications The following table highlights the critical physical and thermal properties of this component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (Al) | | **Finish** | Blue Anodized | | **Dimensions (L x W x H)** | 60.00mm x 60.00mm x 25.00mm | | **Attachment Method** | Push Pin (Spring-loaded) | | **Thermal Resistance** | 6.39° C/W (@ 100 LFM) | | **Airflow Path** | Cross-Cut (Omni-directional) | --- ### 2. Key Electronic & Mechanical Components #### A. The Heat Sink Body The body is constructed from aluminum, chosen for its excellent thermal conductivity and lightweight properties. The **Cross-Cut** fin design allows airflow from any direction, making it ideal for systems where the internal fan placement might vary. #### B. Attachment Mechanism (Push Pins) Unlike adhesive-based heat sinks, the "01A" series uses a mechanical push-pin system: * **Springs:** Provides a consistent "Normal Force" ensuring the heat sink stays in contact with the component during vibrations. * **Pins:** Designed for pre-drilled holes in the PCB. #### C. Thermal Interface Material (TIM) The "C2" suffix typically denotes that the heat sink comes with a **pre-applied Thermal Interface Material**. This material fills the microscopic air gaps between the electronic component (CPU/GPU/FPGA) and the heat sink base to maximize heat transfer. --- ### 3. Usage Context This part is typically used to cool high-power surface-mount components such as: * **FPGAs & ASICs:** Found in networking equipment and telecommunications. * **Processors:** Embedded CPUs in industrial automation. * **Power Electronics:** High-load voltage regulators. --- ### 4. Part Number Breakdown Understanding the nomenclature helps in identifying variants: * **ATS:** Advanced Thermal Solutions (Manufacturer) * **01A:** Push-Pin Attachment Series * **207:** Specific model/size code * **C2:** Thermal Interface Material / Performance grade * **R0:** Revision/RoHS compliance status
    ✨ Follow-up Questions
    • ⤷What are the specific PCB hole dimensions required for the ATS-01A-207-C2-R0 push pins?
    • ⤷ How does the thermal resistance of this heat sink change at higher LFM (Linear Feet per Minute) airflows?
    • ⤷ Can this heat sink be used with a custom fan attachment?