công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-01A-16-C2-R0

  • AI
    The **ATS-01A-16-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push-pin" series designed for cooling integrated circuits (ICs) on printed circuit boards (PCBs). --- ### 1. Technical Specifications The following table outlines the physical and thermal properties of the component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic) | | **Dimensions (L x W x H)** | 54.00 mm x 54.00 mm x 10.00 mm | | **Fin Type** | Square Pin Fin | | **Thermal Resistance** | 18.08 °C/W (at 100 LFM) | | **Flow Orientation** | Omnidirectional | --- ### 2. Key Electronic Components & Design The ATS-01A-16-C2-R0 is not an active electronic circuit but a passive mechanical cooling system essential for the stability of electronic parts. #### A. Square Pin Fin Geometry Unlike traditional straight-fin heat sinks, the square pin design allows for **omnidirectional airflow**. This means the cooling efficiency is high regardless of which direction the fan or air current is blowing across the board. This is critical for dense PCB layouts where airflow paths are unpredictable. #### B. Thermal Interface Material (TIM) The "R0" suffix typically indicates the inclusion of a pre-applied high-performance thermal interface material. This ensures minimal air gaps between the heat sink base and the electronic component (CPU, FPGA, or GPU), facilitating efficient heat transfer. #### C. Push-Pin Attachment Mechanism The assembly utilizes plastic push-pins and a compressed spring. This serves two electronic/mechanical purposes: 1. **Constant Pressure:** Ensures the heat sink maintains firm contact with the component, which is vital for thermal conductivity. 2. **Shock/Vibration Resistance:** Prevents the heat sink from shifting or detaching during transport or operation, protecting the fragile solder balls of BGA (Ball Grid Array) packages. --- ### 3. Typical Applications * **Networking Equipment:** Switches, routers, and high-speed modems. * **Embedded Systems:** Industrial PCs and controllers. * **Computing:** Secondary chipsets or power management ICs that generate significant heat.
    ✨ Follow-up Questions
    • ⤷ What are the advantages of omnidirectional fins over straight fins?
    • ⤷ How do I calculate the correct spring force for a push-pin heat sink?
    • ⤷ What is the difference between Blue Anodized and Black Anodized finishes for thermal performance?