ATS-01A-159-C2-R0
AI

The **ATS-01A-159-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "blue ICE" series, designed specifically for thermal management in electronic components like CPUs, GPUs, and other high-heat integrated circuits.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Al) |
| **Finish** | Blue Anodized |
| **Dimensions** | 45mm x 45mm x 20mm |
| **Thermal Resistance** | 2.09°C/W @ 200 LFM (Linear Feet per Minute) |
| **Mounting Type** | pushPIN™ (Spring-loaded) |
| **Attachment Method** | Fine Pitch (straight fins) |
---
### 2. Key Electronic & Physical Components
#### A. Thermal Interface Material (TIM)
The part number suffix typically indicates the inclusion of a pre-applied **Phase Change Material (PCM)**. This material sits between the heat sink base and the electronic chip to eliminate air gaps, ensuring maximum heat transfer efficiency.
#### B. pushPIN™ Attachment System
Instead of using adhesive tape or standard screws, this model uses a specialized push-pin system. This consists of:
* **Plastic/Brass Pins:** To secure the sink to the PCB.
* **Compression Springs:** These provide precise, uniform pressure (Force) across the chip surface, which is critical for protecting delicate silicon dies.
#### C. Fin Design (Straight Fin)
The fins are designed for **forced air cooling**. Because it uses a "Fine Pitch" straight fin geometry, it is optimized for systems with a directional fan or high-velocity airflow.
---
### 3. Application Use Cases
This component is typically found in the following electronic environments:
1. **Telecommunications:** High-speed routers and switches.
2. **Embedded Computing:** Industrial motherboards and single-board computers (SBCs).
3. **Power Electronics:** Cooling MOSFETs or power regulators in high-density power supplies.
---
### 4. Part Number Breakdown
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **159:** Specific series/form factor identifier.
* **C2:** Refers to the thermal performance level and material (Aluminum).
* **R0:** Revision/Packaging status.
- ⤷
How do I calculate if the 2.09°C/W thermal resistance is sufficient for my chip?
- ⤷ What are the PCB hole requirements for the pushPIN™ mounting system?
- ⤷ Can this heat sink be used in a passive cooling environment without a fan?