công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATE-R6

  • AI
    The **ATE-R6** typically refers to a high-performance **Automatic Test Equipment (ATE)** control board or a specific industrial relay/robotic controller module (often associated with brands like Advantest or specific PLC expansion units). Below is a breakdown of the core electronic components and functional architecture commonly found in this class of hardware. --- ### 1. Core Component Categories | Category | Typical Components | Function | | :--- | :--- | :--- | | **Control Logic** | FPGA (Xilinx/Altera) or MCU | Handles high-speed timing and signal processing. | | **Signal Switching** | Reed Relays or Solid State Relays (SSR) | Routes test signals between the tester and the Device Under Test (DUT). | | **Power Management** | DC-DC Converters, LDO Regulators | Provides stable voltages (3.3V, 5V, 12V) to internal logic. | | **Interface** | RS-485, Ethernet, or PCIe Brackets | Communication between the R6 module and the main workstation. | | **Protection** | TVS Diodes, Optocouplers | Protects the internal circuitry from voltage spikes and noise. | --- ### 2. Functional Electronic Blocks #### A. High-Speed Signal Routing The "R" in R6 often denotes **Relay** or **Routing**. These boards use arrays of miniature relays to ensure low insertion loss and high isolation. * **Mechanical Relays:** Used for high-current applications. * **Solid State Switches:** Used for high-speed digital pattern testing where mechanical wear is a concern. #### B. Isolation and Feedback To prevent ground loops and noise interference in industrial environments: * **Optoisolators:** Separate the high-voltage "business end" of the board from the sensitive logic components. * **ADC (Analog to Digital Converters):** Monitors the output levels to ensure the test signals remain within calibrated tolerances. #### C. Connectivity & I/O The ATE-R6 usually features high-density connectors (such as DIN41612 or SCSI-style connectors) to interface with a "Bed of Nails" or a test fixture. --- ### 3. Example Circuit Schematic Logic In a typical ATE-R6 relay circuit, the signal flow follows this logic: ```mermaid graph LR A[Command Input] --> B[Buffer/Driver IC] B --> C[Relay Coil] C --> D[Signal Path Switch] D --> E[DUT Output] F[Flyback Diode] --- C ``` 1. **Driver IC (e.g., ULN2803):** Amplifies the low-current logic signal from the MCU to drive the relay coils. 2. **Flyback Diode:** Placed across the relay coil to suppress inductive voltage spikes when the relay is de-energized. --- ### 4. Technical Specifications (General Range) * **Operating Voltage:** Typically 24V DC for industrial versions. * **Channel Count:** Usually 6 to 16 independent channels (R6 often implies 6 specific relay banks). * **Contact Rating:** Often 2A to 5A per channel for power modules.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer of your ATE-R6 module?
    • ⤷ Are you troubleshooting a specific failure on the board
    • ⤷ such as a relay stuck open?
    • ⤷ Do you need the pinout diagram for the interface connector?