công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATE-R11-7W

  • AI
    The **ATE-R11-7W** is a specific electronic component typically categorized as a **High-Power Wirewound Resistor**. These components are designed to dissipate heat while maintaining a precise resistance value in demanding electrical environments. --- ### 1. Part Number Breakdown While nomenclature can vary slightly by manufacturer, the code generally follows this logic: | Segment | Meaning | Description | | :--- | :--- | :--- | | **ATE** | Series/Type | Often refers to an Aluminum Housed or Axial Wirewound series. | | **R11** | Resistance Value | Denotes **0.11 Ohms** ($R$ acts as the decimal point). | | **7W** | Power Rating | Capable of handling up to **7 Watts** of power. | --- ### 2. Technical Specifications The ATE-R11-7W belongs to the power resistor family. Below are its typical technical characteristics: * **Resistance:** 0.11 $\Omega$ (Low resistance, often used for current sensing). * **Power Rating:** 7 Watts (At rated ambient temperature, usually $25^\circ C$ or $70^\circ C$). * **Construction:** Wirewound. A resistive wire (like NiCr) is wound around a ceramic core and coated with a protective layer (silicone or vitreous enamel). * **Tolerance:** Commonly $\pm 1\%$ or $\pm 5\%$, depending on the specific manufacturer grade. * **Temperature Coefficient (TCR):** Usually low, ensuring stability despite heat fluctuations. --- ### 3. Key Applications Because of its low resistance (0.11 $\Omega$) and relatively high power capacity (7W), this part is commonly used in: 1. **Current Sensing:** Placed in series with a load to measure current drop ($V = I \times R$). 2. **Inrush Current Limiting:** Protecting circuits from sudden spikes when power is first applied. 3. **Voltage Division:** Used in high-power power supply circuits. 4. **Feedback Loops:** Found in motor controllers and industrial automation. --- ### 4. Comparison Table: Wirewound vs. Metal Film | Feature | Wirewound (ATE-R11-7W) | Metal Film Resistor | | :--- | :--- | :--- | | **Power Handling** | High (Up to 100W+) | Low (Typically < 2W) | | **Surge Capability** | Excellent | Poor | | **Inductance** | Higher (due to coils) | Very Low | | **Precision** | High | Very High | --- ### 5. Implementation Example If you are using this resistor in a circuit with a **5A** current: ```python # Calculating power dissipation for ATE-R11-7W resistance = 0.11 # Ohms current = 5.0 # Amperes # Formula: P = I^2 * R power_dissipated = (current ** 2) * resistance print(f"Power dissipated: {power_dissipated} Watts") # Output: 2.75 Watts (Well within the 7W limit) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current allowed through this resistor before exceeding 7W?
    • ⤷ Does the ATE-R11-7W require an external heatsink?
    • ⤷ What are the common failure modes for wirewound resistors?