ATCA-R6905
AI

## Overview of the ATCA-R6905
The **ATCA-R6905** is a high-performance Rear Transition Module (RTM) designed specifically for Advanced Telecommunications Computing Architecture (ATCA) systems. It is typically paired with a front-end processor blade (such as the Radisys ATCA-4500 series) to provide extensive I/O connectivity and storage expansion.
---
### Core Electronic Components and Subsystems
The internal architecture of the ATCA-R6905 focuses on high-speed data routing and physical interface conversion.
| Component Type | Description | Specifications / Features |
| :--- | :--- | :--- |
| **Storage Interfaces** | SAS/SATA Controllers | Supports dual 2.5" hot-swappable SAS or SATA hard drives/SSDs. |
| **Network I/O** | Ethernet PHYs | Provides 10GbE (SFP+) and 1GbE (RJ45) connectivity options. |
| **Serial Management** | UART to USB/RJ45 | Console access for system debugging and blade management. |
| **PCIe Bridge** | Signal Extension | Extends the PCIe bus from the front blade to the RTM for high-speed I/O. |
| **Power Modules** | DC-DC Converters | Converts -48V ATCA backplane power to localized voltages (12V, 5V, 3.3V). |
---
### Key Connectivity Features
The electronic design is optimized for the **Zone 3** connector, which is the standardized interface between an ATCA front board and the RTM.
1. **High-Speed Serial Links:**
* Utilizes differential signaling to maintain integrity for 10Gbps Ethernet and 6Gbps SAS signals.
2. **Management Subsystem (IPMI):**
* Contains an **Intelligent Platform Management Interface (IPMI)** controller that communicates with the Shelf Manager.
* Monitors thermal sensors and voltage rails to ensure hardware health.
3. **Hot-Swap Circuitry:**
* Includes specialized "Blue LED" logic and handle switches to allow the module to be replaced without powering down the entire chassis.
---
### Technical Specifications Summary
| Feature | Details |
| :--- | :--- |
| **Form Factor** | 8U ATCA Rear Transition Module |
| **Storage** | 2x SFF (Small Form Factor) Drive Bays |
| **Network Ports** | 2x 10GbE SFP+, 2x 1GbE RJ45 |
| **USB** | 2x USB 2.0/3.0 Ports for peripherals |
| **Compliance** | PICMG 3.0 R2.0, PICMG 3.1 |
---
### Typical Usage Scenario (Code Representation)
If you were configuring the network interfaces via a Linux-based front blade, the hardware would manifest as follows:
```bash
# Identifying the 10GbE interfaces provided by the RTM
lspci | grep -i ethernet
# Output: 04:00.0 Ethernet controller: Intel Corporation 82599ES 10-Gigabit SFI/SFP+
# Checking the SAS storage attached via RTM
lsblk
# Output: sda 8:0 0 465.8G 0 disk (SAS Drive 1)
```
- ⤷
Which front-end processor blades are most compatible with the ATCA-R6905?
- ⤷ What are the specific power consumption requirements for this RTM?
- ⤷ Does the ATCA-R6905 support hardware RAID for the dual SAS drives?