AI

The **AT83C26-RKTUL** is a high-performance smart card reader interface IC manufactured by Microchip (formerly Atmel). It is specifically designed to manage the communication and power supply requirements between a microcontroller and a smart card (ISO 7816).
---
## 1. Key Specifications and Features
The device acts as an interface level shifter and power manager. Below are the primary technical specifications:
| Feature | Specification |
| :--- | :--- |
| **Supply Voltage (Vcc)** | 2.7V to 5.5V |
| **Smart Card Voltages** | 1.8V, 3V, 5V (Class A, B, and C) |
| **Interface** | Two-wire serial interface (I2C Compatible) |
| **Package Type** | VQFN-28 (Lead-free/ROHS) |
| **Operating Temp** | -40°C to +85°C |
| **Clock Frequency** | Up to 20 MHz |
---
## 2. Main Functional Components
The AT83C26 integrates several critical electronic sections into a single chip:
### A. Voltage Regulator (LDO)
It features a built-in Low Dropout Regulator that converts the system voltage to the specific voltage required by the smart card (1.8V, 3V, or 5V). This eliminates the need for external DC-DC converters.
### B. Level Shifters
Since the host microcontroller might operate at 3.3V while the smart card operates at 5V, the AT83C26 handles the bidirectional level shifting for data lines (I/O), Reset (RST), and Clock (CLK).
### C. ESD Protection & Safety
* **ESD Protection:** Built-in protection exceeding 6kV on card-side pins.
* **Short Circuit Protection:** Protects the system if the card pins are shorted.
* **Thermal Protection:** Shuts down the device if it overheats.
### D. Card Detection Logic
It includes a dedicated input to monitor the "Card Presence" switch. It can generate an interrupt to the host controller when a card is inserted or removed.
---
## 3. Pinout Overview (VQFN-28)
| Pin Category | Pins | Description |
| :--- | :--- | :--- |
| **Host Interface** | SDA, SCL, INT | I2C communication and Interrupt signal to MCU. |
| **Card Interface** | C-I/O, C-RST, C-CLK, C-VCC | Direct connections to the Smart Card contacts. |
| **Power** | VCC, GND | Main power supply pins. |
| **Detection** | PRES, PRES_N | Contacts for the mechanical card presence switch. |
---
## 4. Typical Applications
The AT83C26-RKTUL is commonly found in electronic devices that require secure identity or payment processing:
* **POS Terminals:** Credit and debit card readers.
* **Set-top Boxes:** For conditional access cards (Pay-TV).
* **Identification:** ID card readers for government or corporate security.
* **Computer Peripherals:** USB smart card readers.
- ⤷
What are the main differences between AT83C26 and AT83C24?
- ⤷ Can this chip be used for EMV compliant payment systems?
- ⤷ How do I configure the I2C address for the AT83C26?