AT45DB161B-RU
AI

## Overview of the AT45DB161B-RU
The **AT45DB161B-RU** is a legacy 16-Megabit (2 MB) DataFlash memory chip manufactured by Atmel (now part of Renesas/Adesto). It is specifically designed for high-density applications such as image storage, voice recording, and data logging.
---
### Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 16 Megabits (2 Megabytes) |
| **Organization** | 4,096 pages (528 bytes per page) |
| **Operating Voltage** | 2.7V to 3.6V |
| **Interface** | Serial Peripheral Interface (SPI) - Modes 0 and 3 |
| **Clock Frequency** | Up to 20 MHz |
| **Package Type** | 28-lead TSOP (Thin Small Outline Package) |
| **Temperature Range** | Industrial (-40°C to +85°C) |
---
### Internal Architecture and Components
The AT45DB161B is unique compared to standard Serial Flash because it includes **internal SRAM buffers**, which simplify the programming process.
#### 1. Main Memory Array
The memory is partitioned into 4,096 pages. Unlike standard Flash which often uses power-of-two page sizes (like 256 or 512 bytes), this chip uses **528 bytes per page**. This extra 16 bytes per page is often used for Error Correction Code (ECC) or metadata.
#### 2. Dual SRAM Data Buffers
The chip contains two 528-byte SRAM buffers. This allows for:
* **Continuous Writing:** You can write data to Buffer 1 while Buffer 2 is transferring data to the main memory.
* **Flexible Programming:** You can modify specific bytes within a buffer before committing the whole page to the non-volatile Flash.
#### 3. Control Logic
The internal logic handles the SPI protocol, command decoding, and the self-timed program/erase cycles. This means the host microcontroller does not need to manage the high-voltage timing required for Flash cell modification.
---
### Feature Summary
* **Page Program:** Allows writing an entire page in a single operation (approx. 14ms).
* **Block Erase:** Supports 4KB block erasures for faster data management.
* **Hardware Protection:** Includes a Write Protect (`/WP`) pin to prevent accidental data corruption.
* **Low Power:** Features a CMOS design with low active and standby currents to preserve battery life.
---
### Pin Configuration (28-Pin TSOP)
| Pin Name | Function |
| :--- | :--- |
| **SI** | Serial Data Input |
| **SO** | Serial Data Output |
| **SCK** | Serial Clock |
| **CS** | Chip Select (Active Low) |
| **WP** | Write Protect |
| **RESET** | Hardware Reset |
| **RDY/BUSY** | Ready/Busy Status Indicator |
---
### Status Note
The **AT45DB161B** is an "obsolete" or "end-of-life" (EOL) part. Modern designs usually replace it with the **AT45DB161E** or **AT45DB161F** versions, which offer higher speeds (up to 85MHz) and wider voltage ranges.
- ⤷What are the primary differences between the AT45DB161B and the newer AT45DB161E?
- ⤷ How does the 'Power of 2' binary page size mode work on these chips?
- ⤷ Can I use standard SPI Flash libraries to communicate with this DataFlash chip?