công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AT45DB041B-RU

  • AI
    ## Overview of the AT45DB041B-RU The **AT45DB041B-RU** is a legacy 4-Megabit (512 KB) **DataFlash** memory integrated circuit manufactured by Adesto Technologies (originally Atmel). It is known for its unique architecture that bridges the gap between traditional Flash memory and SRAM/EEPROM. --- ### 1. Key Technical Specifications The following table highlights the primary electrical and physical characteristics: | Feature | Specification | |:---|:---| | **Memory Density** | 4 Megabits (512 KB) | | **Interface** | SPI (Serial Peripheral Interface) - Mode 0 and Mode 3 | | **Voltage Supply** | 2.7V to 3.6V (Low Power) | | **Max Clock Frequency** | 20 MHz | | **Page Size** | 264 Bytes (User configurable) | | **Package Type** | 28-lead SOIC (indicated by the "RU" suffix) | | **Internal Buffers** | Two 264-byte SRAM Data Buffers | --- ### 2. Internal Architecture The AT45DB series is distinct because it includes **two internal SRAM buffers**. This allows for several advanced operations: * **Read-While-Write:** You can read data from one SRAM buffer while the main memory array is busy being programmed from the other buffer. * **Flexible Programming:** It supports byte-level changes within a page without requiring an external RAM buffer to hold the data. * **Page Erasure:** Unlike standard NOR Flash which often requires large sector erases, this chip allows for small 264-byte page erases. --- ### 3. Pinout Description | Pin Name | Type | Description | |:---:|:---:|:---| | **CS** | Input | Chip Select (Active Low) | | **SCK** | Input | Serial Clock | | **SI** | Input | Serial Data Input | | **SO** | Output | Serial Data Output | | **WP** | Input | Write Protect | | **RESET** | Input | Hardware Reset | | **RDY/BUSY** | Output | Status Pin (Indicates if the chip is busy writing) | --- ### 4. Implementation Details #### Code Example: Reading the Device ID To communicate with the device via SPI in C-like pseudocode: ```c // Example: Basic SPI command to read Status Register digitalWrite(CS_PIN, LOW); // Select the chip SPI.transfer(0xD7); // Opcode for Status Register Read byte status = SPI.transfer(0x00); // Clock out the result digitalWrite(CS_PIN, HIGH); // Deselect the chip ``` ### 5. Part Number Breakdown (AT45DB041B-RU) * **AT45DB**: Atmel DataFlash Family. * **041**: 4-Megabit density. * **B**: Revision B (The "B" version is older; modern equivalents are "E" or "F"). * **R**: Package code for SOIC (Small Outline Integrated Circuit). * **U**: Lead-free/Halogen-free (RoHS compliant). ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between DataFlash and standard Serial NOR Flash?
    • ⤷ Is the AT45DB041B-RU still in production or is there a recommended replacement?
    • ⤷ How do the dual internal SRAM buffers improve system performance?