AI

The **ASX10104-SPD-R** is a high-performance, ultra-low power **6-axis Inertial Measurement Unit (IMU)**. It is primarily designed for mobile devices, wearables, and Internet of Things (IoT) applications where power efficiency and compact size are critical.
---
### 1. Key Technical Specifications
The device integrates a 3-axis accelerometer and a 3-axis gyroscope into a single CMOS IC.
| Feature | Specification |
| :--- | :--- |
| **Sensing Axes** | 6-Axis (3-Axis Gyro + 3-Axis Accel) |
| **Interface** | I2C / SPI (Serial Peripheral Interface) |
| **Supply Voltage** | 1.71V to 3.6V |
| **Current Consumption** | < 1mA (Full Operation) |
| **Package Type** | LGA (Land Grid Array) |
| **Resolution** | 16-bit ADC for all channels |
---
### 2. Functional Components
The internal architecture of the ASX10104-SPD-R consists of several critical electronic stages:
#### A. MEMS Sensing Element
The core consists of micro-machined structures that move in response to acceleration (linear) or angular velocity (rotational). These movements change the capacitance within the sensor, which is then converted into electrical signals.
#### B. Analog Front-End (AFE)
- **Amplifiers:** Boost the weak signals from the MEMS elements.
- **Low-Pass Filters:** Remove high-frequency noise and prevent aliasing before digitization.
#### C. Analog-to-Digital Converters (ADC)
It utilizes high-resolution **16-bit ADCs** to convert analog signals into digital data, ensuring high precision and sensitivity for motion tracking.
#### D. Digital Logic & FIFO
- **FIFO Buffer:** A built-in memory buffer (usually around 1KB to 4KB) that stores sensor data. This allows the host processor to sleep for longer periods, reducing system-wide power consumption.
- **Interrupt Engine:** Includes programmable interrupts for features like "Wake-on-Motion," "Free-fall detection," and "Tap detection."
---
### 3. Application Use Cases
Due to its small footprint and low power draw, this part is commonly found in:
1. **Wearables:** Smartwatches and fitness trackers for step counting and gesture recognition.
2. **Mobile Phones:** Screen rotation, UI navigation, and augmented reality (AR).
3. **Drones/Robotics:** Basic stabilization and orientation sensing.
4. **IoT Devices:** Security sensors that detect if an object has been moved or tampered with.
---
### 4. Circuit Implementation Tips
* **Decoupling:** Use 0.1µF and 10µF ceramic capacitors close to the $V_{DD}$ pins to filter power supply noise.
* **Layout:** Ensure the sensor is placed away from heat sources or high-frequency switching lines to prevent thermal drift and mechanical noise.
* **Communication:** If using I2C, ensure pull-up resistors (typically 2.2kΩ to 4.7kΩ) are applied to the SDA and SCL lines.
- ⤷
What are the specific I2C address options for the ASX10104-SPD-R?
- ⤷ How does the 'Wake-on-Motion' feature help in reducing battery consumption?
- ⤷ What is the maximum G-force range selectable for the accelerometer in this model?