AI

The **ASR-3100SS-R11A1E** is a high-performance industrial server system, typically part of Advantech’s SkyServer or ASMB series, designed for intensive computing tasks such as AI inference, data storage, and network security.
Below is a breakdown of its key electronic components and technical specifications.
---
## 1. Core Computing Components
These parts define the processing power and memory capacity of the system.
| Component | Specification Details |
| :--- | :--- |
| **Processor (CPU)** | Supports Single/Dual Intel® Xeon® Scalable Processors (typically 2nd or 3rd Gen depending on the specific motherboard revision). |
| **Memory (RAM)** | Features multiple DIMM slots (often 8 to 24) supporting DDR4 ECC Registered memory for high reliability. |
| **Chipset** | Intel® C621 series (or equivalent) for robust I/O handling. |
---
## 2. Storage and Interface Electronics
This model is specifically designed for high-density storage and fast data throughput.
* **Drive Bays:** Features a "SS" (Storage Server) designation, typically housing 10 to 12 Hot-swap 3.5"/2.5" SATA/SAS/NVMe drive bays.
* **Backplane:** An active electronic backplane manages the power and data distribution to the drives, often featuring a built-in SAS expander for efficient cable management.
* **RAID Controller:** Integrated or modular RAID controllers (e.g., Broadcom/LSI) to manage data redundancy.
---
## 3. Connectivity and Expansion
The electronic layout allows for significant hardware scaling.
### Expansion Slots (PCIe)
The system utilizes Riser Cards to provide:
* **Full-Height/Half-Length Slots:** For GPUs, FPGA accelerators, or high-speed NICs.
* **OCP 3.0/2.0 Slot:** Specialized mezzanine slot for networking (10GbE, 25GbE, or 100GbE).
### I/O Ports
* **Management:** A dedicated IPMI 2.0 port for remote management via an ASPEED AST2500/2600 BMC (Baseboard Management Controller).
* **Peripheral:** Multiple USB 3.0 ports and VGA output for local diagnostics.
---
## 4. Power and Cooling System
Industrial-grade power electronics ensure 24/7 uptime.
1. **PSU (Power Supply Unit):** Equipped with **1+1 Redundant Power Supplies** (e.g., 800W or 1200W Platinum/Titanium rated). If one unit fails, the other takes over instantly.
2. **Cooling Fans:** High-RPM hot-swappable fans controlled via PWM (Pulse Width Modulation) through the BIOS/BMC to adjust speed based on thermal sensors.
---
## Technical Identification Summary
| Feature | Description |
| :--- | :--- |
| **Form Factor** | 1U or 2U Rackmount (depending on chassis specific) |
| **Management** | IPMI 2.0 / Redfish support |
| **Reliability** | ECC Memory support, Redundant PSU, Hot-swap components |
---
- ⤷
What is the maximum supported RAM capacity for this specific model?
- ⤷ Does this model support NVMe drives natively or via an add-on card?
- ⤷ Which Intel Xeon Scalable generation is recommended for the R11A1E revision?