ASM162JEUSSLASHT
AI

The part number **ASM162JEUSSLASHT** refers to a specific configuration of a high-speed signal switch, typically manufactured by **ASMedia Technology**. These components are widely used in computing and consumer electronics to handle data switching for modern interfaces.
---
### 1. Component Overview
The ASM162 is primarily a **high-speed passive switch** designed for switching between differential signals. It is commonly found in motherboard designs and expansion cards to manage data routing for standards like USB, PCIe, or SATA.
### 2. Technical Specifications
The following table highlights the general characteristics of the ASM162 series:
| Parameter | Specification |
| :--- | :--- |
| **Interface Support** | USB 3.0 / 3.1 Gen 1, PCIe 2.0/3.0, SATA |
| **Data Rate** | Up to 5 Gbps / 8 Gbps |
| **Configuration** | 2-to-1 or 1-to-2 Differential Switch |
| **Operating Voltage** | Typically 3.3V |
| **Package Type** | QFN (Quad Flat No-lead) |
| **Main Function** | High-speed signal multiplexing/demultiplexing |
---
### 3. Key Features
* **Low Insertion Loss:** Minimizes signal degradation as it passes through the switch.
* **Low Crosstalk:** Ensures that signals on adjacent channels do not interfere with each other.
* **High Bandwidth:** Optimized for high-frequency differential pairs used in modern data protocols.
* **Bidirectional:** Can route signals in both directions (Source to Sink or Sink to Source).
---
### 4. Common Applications
In a typical computer system, the ASM162 might be used for the following:
1. **USB 3.x Switching:** Routing a single USB signal path to one of two physical ports (e.g., switching between a front panel header and a rear I/O port).
2. **PCIe Lane Allocation:** Dynamically switching PCIe lanes between two different M.2 slots or expansion slots.
3. **SATA Routing:** Managing data paths between a controller and multiple storage drives.
---
### 5. Implementation Example
Below is a conceptual block diagram logic of how the switch behaves in a circuit:
```text
[ Controller (e.g. Chipset) ]
|
V
[ ASM162 Switch ]
/ \
[ Port A ] [ Port B ]
(Active) (Inactive)
```
- ⤷
What are the specific pinout differences between the ASM162 and its successors like the ASM1543?
- ⤷ How does the 'SLA' or 'SHT' suffix impact the ordering code (Tape & Reel vs Tray packaging)?
- ⤷ Can this chip be used for video signal switching like DisplayPort?