công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ASEMDLP-R-T5

  • AI
    ## Technical Overview of the ASEMDLP-R-T5 The **ASEMDLP-R-T5** is a high-performance, low-power MEMS (Micro-Electro-Mechanical Systems) oscillator produced by **Abracon**. It is part of the ASEMD series, designed to replace traditional quartz crystals in space-constrained applications. --- ### 1. Key Component Specifications The following table outlines the primary electronic characteristics of this specific part: | Parameter | Specification | | :--- | :--- | | **Type** | MEMS Low Power Oscillator | | **Frequency Range** | 1 MHz to 150 MHz | | **Supply Voltage (Vdd)** | 1.8V to 3.3V (Universal) | | **Output Type** | LVCMOS | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Frequency Stability** | ±25 ppm or ±50 ppm (depending on variant) | | **Package Size** | 3.2 x 2.5 x 0.85 mm (SMD) | | **Packaging** | T5 (Tape & Reel, 500 units) | --- ### 2. Functional Features * **MEMS Technology:** Unlike quartz oscillators, this uses a silicon resonator, making it highly resistant to mechanical shock and vibration. * **Low Power Consumption:** Optimized for battery-powered devices, typically consuming < 5mA when active. * **Standby/Disable Function:** Features a "Logic Low" standby mode (Pin 1) to reduce current draw to micro-amps when the device is not in use. * **Startup Time:** Extremely fast startup time (typically < 3ms). --- ### 3. Pin Configuration The device uses a standard 4-pin layout common for 3225-size SMD oscillators: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | OE/STDBY | Output Enable or Standby control | | **2** | GND | Ground connection | | **3** | Output | LVCMOS clock signal output | | **4** | Vdd | Power supply voltage | --- ### 4. Part Number Breakdown (ASEMDLP-R-T5) * **ASEMD:** Series identifier (3.2 x 2.5 mm MEMS). * **LP:** Low Power designation. * **R:** Denotes the specific frequency stability or temperature range (check datasheet for specific PPM offset). * **T5:** Packaging code (Tape & Reel, 500 pieces). --- ### 5. Common Applications * **Consumer Electronics:** Smartwatches, fitness trackers, and portable media players. * **Industrial:** Embedded sensors and IoT gateways. * **Computing:** Storage systems (SSD), tablets, and PC peripherals. * **Communication:** Networking equipment requiring a compact, reliable clock source.
    ✨ Follow-up Questions
    • ⤷ What are the primary advantages of using a MEMS oscillator over a traditional quartz crystal?
    • ⤷ How does the 'Output Enable' function affect power consumption in battery-operated circuits?
    • ⤷ Are there specific decoupling capacitor recommendations for the Vdd pin of this component?