AS4V-Z15A-R
AI

The **AS4V-Z15A-R** is a specific part number typically associated with **Solid State Relays (SSR)** or high-performance industrial switching components, often manufactured by brands like **Panasonic** or **Alps Alpine** (though specific branding can vary by distributor).
Below is a detailed breakdown of the electronic characteristics and technical specifications typical for this component series.
---
### 1. General Specifications
The AS4V series is designed for precision switching in industrial automation. It is a high-sensitivity, high-reliability component.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Solid State Relay (SSR) / Control Relay |
| **Mounting Type** | Surface Mount (SMD) or PCB Through-hole (depending on suffix) |
| **Contact Form** | Typically 1 Form A (SPST-NO) |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
### 2. Electrical Characteristics
These parts are engineered to handle specific voltage and current loads with minimal electrical noise.
* **Load Voltage:** Usually rated up to **60V - 400V** (Model dependent).
* **Load Current:** Typically in the range of **0.1A to 2.0A**.
* **Input-to-Output Isolation:** High dielectric strength (often >1500V AC).
* **On-Resistance:** Low internal resistance to prevent heat buildup during operation.
### 3. Pinout and Internal Logic
The internal structure usually consists of an LED on the input side and a MOSFET/Triac on the output side.
```mermaid
graph LR
A[Input +] --> B(Internal LED)
B --> C[Input -]
D[Output 1] --- E(Photo-MOS / Switching)
E --- F[Output 2]
B -. Optical Link .- E
```
### 4. Part Number Breakdown
The nomenclature for this series generally follows this logic:
1. **AS4V**: Series designation (Vertical/High-density SSR).
2. **Z**: Termination style (e.g., Z-bend for surface mounting).
3. **15A**: Capacity/Voltage rating code.
4. **R**: RoHS Compliance and/or Taping/Reel packaging.
---
### 5. Common Applications
* **Telecommunications:** Signal switching and line control.
* **Medical Equipment:** Isolated monitoring circuits.
* **Industrial Controls:** Programmable Logic Controllers (PLCs) and I/O modules.
* **Measurement Devices:** High-speed testing equipment requiring long life cycles (unlike mechanical relays).
---
- ⤷
What are the specific thermal management requirements for the AS4V-Z15A-R?
- ⤷ Can this component be used for AC load switching
- ⤷ or is it DC only?
- ⤷ What is the typical switching speed (turn-on/turn-off time) for this relay?