công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AS4V-S25-R

  • AI
    The **AS4V-S25-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Analog MEMS Microphone**. These components are widely used in consumer electronics for capturing high-quality audio in compact form factors. --- ### 1. Key Technical Specifications The "AS4V" series usually denotes a high-performance silicon microphone. Below is a breakdown of the typical technical characteristics found in this part: | Parameter | Typical Value / Description | | :--- | :--- | | **Transducer Type** | MEMS (Micro-Electro-Mechanical Systems) | | **Output Type** | Analog (Single-ended) | | **Directionality** | Omnidirectional | | **Operating Voltage** | 1.5V to 3.6V DC | | **Signal-to-Noise Ratio (SNR)** | ~60 dB to 64 dB | | **Sensitivity** | -38 dB to -42 dBV/Pa | | **Frequency Range** | 20 Hz to 20 kHz | | **Package Style** | LGA (Land Grid Array) | --- ### 2. Physical Construction The AS4V-S25-R is constructed using three primary layers within its miniature housing: 1. **MEMS Sensor:** A silicon-etched diaphragm that vibrates in response to sound waves, changing capacitance. 2. **ASIC (Application Specific Integrated Circuit):** An internal pre-amplifier that converts the capacitance change into an analog voltage signal. 3. **Housing:** A metallic or plastic lid with an **Acoustic Port** (hole). The "R" in the suffix often indicates a "Rear" or "Bottom" port configuration, meaning the sound entry hole is on the PCB-facing side. --- ### 3. Application Circuits To integrate this part, a basic decoupling circuit is required to filter power supply noise. ```c // Basic Hardware Implementation Concept [Vdd Pin] ----+---- [10uF Capacitor] ---- [GND] | +---- [0.1uF Capacitor] --- [GND] [Output Pin] ------ [1uF DC-Blocking Cap] ----> [Codec/Pre-Amp Input] ``` --- ### 4. Common Applications Due to its small footprint and reliability, the AS4V-S25-R is commonly found in: * **Smartphones:** For primary voice capture or noise cancellation. * **Wearables:** Smartwatches and fitness trackers. * **IoT Devices:** Voice-activated home assistants. * **Laptops:** Integrated microphone arrays for video conferencing. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between top-port and bottom-port MEMS microphones?
    • ⤷ How do I calculate the gain needed for an AS4V-S25-R analog output?
    • ⤷ What are the soldering precautions for MEMS microphones to avoid acoustic damage?