AS4V-S15-R/UL
AI

The **AS4V-S15-R/UL** is a high-precision, industrial-grade **Current Transducer** (often referred to as a Current Sensor). It is designed to measure DC, AC, and pulsed currents with galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic control).
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the AS4V-S15-R/UL:
| Parameter | Specification |
| :--- | :--- |
| **Nominal Current ($I_{pn}$)** | 15 A |
| **Measuring Range** | 0 to ±36 A (Peak) |
| **Secondary Output** | Voltage Output (typically 2.5V ± 0.625V) |
| **Supply Voltage ($V_c$)** | +5V DC (±5%) |
| **Accuracy** | ±0.7% at +25°C |
| **Technology** | Closed Loop Hall Effect / Fluxgate |
| **Mounting Type** | PCB (Through-hole) |
| **Standards** | UL Recognized (UL 508) |
---
### 2. Functional Components
To understand the electronic parts of this device, we must look at its internal architecture:
1. **Primary Conductor:** A low-resistance copper path where the current to be measured flows.
2. **Magnetic Core:** A high-permeability ring that concentrates the magnetic flux generated by the primary current.
3. **Hall Effect Element / Fluxgate Sensor:** Positioned in the air gap of the core to detect magnetic field density.
4. **Secondary Compensation Coil:** In closed-loop variants, this coil generates an opposing magnetic field to maintain "zero flux" in the core, ensuring high linearity.
5. **Signal Processing ASIC:** An internal Integrated Circuit that handles temperature compensation, amplification, and voltage regulation.
---
### 3. Key Features and Advantages
* **Galvanic Isolation:** High dielectric strength between the high-current side and the low-voltage electronics (usually 3kV to 5kV).
* **Low Temperature Drift:** Designed to remain accurate across a wide temperature range (typically -40°C to +85°C).
* **High Bandwidth:** Capable of responding to fast-switching signals, making it ideal for modern power electronics.
* **Ratiometric Output:** The output voltage is proportional to the supply voltage, which simplifies integration with Microcontrollers (MCUs) and Analog-to-Digital Converters (ADCs).
---
### 4. Typical Applications
The AS4V-S15-R/UL is commonly found in the following systems:
* **Variable Speed Drives (VFDs):** Monitoring motor current.
* **Solar Inverters:** Tracking DC string current or AC output.
* **Uninterruptible Power Supplies (UPS):** Managing battery charging and load balancing.
* **Welding Equipment:** Precise control of high-current output.
- ⤷
How do I wire the secondary output to an Arduino or ESP32?
- ⤷ What is the difference between Open Loop and Closed Loop Hall Effect sensors?
- ⤷ Are there specific decoupling capacitor requirements for the 5V supply pin?