AS4CT-S52-R/Q
AI

The **AS4CT-S52-R/Q** refers to a specific type of logic gate component, typically categorized under **Advanced Schottky (AS)** or **CMOS** logic families depending on the specific manufacturer (often associated with high-speed switching applications). This specific part number is common in automotive and industrial signal routing.
---
### 1. General Specifications
The AS4CT-S52 belongs to the **dual-input AND gate** or **logic switch** category, designed for high-speed data transmission and minimal propagation delay.
| Parameter | Typical Value |
| :--- | :--- |
| **Logic Family** | AS / CMOS Technology |
| **Supply Voltage (Vcc)** | 2.0V to 5.5V |
| **Operating Temperature** | -40°C to +125°C (Automotive Grade) |
| **Propagation Delay** | < 5ns |
| **Package Type** | SOT-23, SC-70, or VSSOP |
| **Termination** | Lead-free (RoHS Compliant) |
---
### 2. Suffix Meanings (R/Q)
In electronic component nomenclature, the trailing letters usually indicate packaging and qualification standards:
* **-R**: Typically stands for **Tape and Reel**. This indicates the delivery format for automated SMT (Surface Mount Technology) assembly.
* **-Q**: Usually indicates **AEC-Q100 Qualification**. This means the part is "Automotive Grade," tested for higher reliability, shock resistance, and extreme temperature cycles.
---
### 3. Pin Configuration & Logic
Most "S52" variants utilize a standard 5-pin or 6-pin layout. Below is the standard logic representation for a 2-input AND configuration:
| Input A | Input B | Output Y |
| :---: | :---: | :---: |
| L | L | L |
| L | H | L |
| H | L | L |
| H | H | H |
---
### 4. Common Applications
* **Signal Gating**: Allowing or blocking a clock signal based on a control input.
* **Automotive ECU**: Used in Engine Control Units for logic level shifting and signal conditioning.
* **Industrial Automation**: High-speed sensors and PLC (Programmable Logic Controller) inputs.
* **Mobile Devices**: Power management and logic isolation.
---
### 5. Schematic Example
If you were to implement this in a circuit, the basic hookup would look like this:
```cpp
// Schematic Logic Representation
[VCC] ---- (Pin 5)
[GND] ---- (Pin 3)
[IN A] --- (Pin 1)
[IN B] --- (Pin 2)
[OUT Y] -- (Pin 4) --> (To Next Stage)
```
- ⤷
What are the equivalent alternative parts for the AS4CT series?
- ⤷ Can this component handle 12V automotive power rails directly?
- ⤷ What is the maximum current output for the -Q qualified version?