AS4CT-S15-R/Q
AI

Based on the model number **AS4CT-S15-R/Q**, this part belongs to the **AS4CT series** of high-speed CMOS Static Random Access Memory (SRAM) manufactured by **Alliance Memory**.
Below is a detailed breakdown of its electronic specifications and characteristics.
---
### 1. General Specifications
The AS4CT-S15-R/Q is a **4-Megabit (4Mb)** asynchronous SRAM. These parts are designed for low-power applications and high-speed data processing.
| Feature | Specification |
| :--- | :--- |
| **Density** | 4 Megabit (256K x 16 or 512K x 8 configuration) |
| **Technology** | CMOS (Low Power) |
| **Interface** | Asynchronous (No clock required) |
| **Access Time** | 10ns to 15ns (indicated by "15" in the part number) |
| **Voltage Supply** | Typically 3.3V (VCC range 2.7V - 3.6V) |
---
### 2. Part Number Decoder
Understanding the suffixes helps identify the specific environmental and performance ratings:
* **AS4CT**: Alliance Memory Synchronous/Asynchronous CMOS series.
* **S**: Designates the specific package or die revision.
* **15**: Speed Grade. Indicates an access time of **15 nanoseconds**.
* **R**: Generally refers to the **Tape and Reel** packaging format.
* **Q**: Refers to the **Automotive Grade** (AEC-Q100 compliant) or an extended temperature range.
---
### 3. Pin Functionality (Common for 4Mb SRAM)
Most 4Mb SRAM chips in this family utilize a standard pinout to ensure compatibility with memory controllers:
| Pin Name | Type | Description |
| :--- | :--- | :--- |
| **A0 - A17** | Input | Address Inputs (selects the memory location). |
| **DQ0 - DQ15** | I/O | Data Inputs/Outputs (bi-directional bus). |
| **CE#** | Input | Chip Enable (activates the device). |
| **WE#** | Input | Write Enable (controls write operations). |
| **OE#** | Input | Output Enable (controls data output buffers). |
| **LB# / UB#** | Input | Lower Byte / Upper Byte control (for 16-bit mode). |
---
### 4. Key Features & Applications
* **Low Power Consumption:** Features a "Standby" mode that significantly reduces current draw when the chip is not being accessed.
* **TTL Compatible:** The inputs and outputs are compatible with standard logic levels.
* **Reliability:** The "Q" rating indicates it is suitable for harsh environments, such as automotive infotainment, industrial automation, and telecommunications infrastructure.
---
- ⤷What is the exact package type (e.g.
- ⤷ TSOP
- ⤷ TFBGA) for the AS4CT-S15-R/Q?
- ⤷ How does the 'Q' rating impact the operating temperature range compared to standard industrial parts?
- ⤷ Can this SRAM be used in a 5V logic circuit without level shifters?