AS4CT-S13-R/Q
AI

The **AS4CT-S13-R/Q** is a specialized electronic component, typically categorized as a **MEMS (Micro-Electro-Mechanical Systems) Pressure Sensor**. These sensors are designed to detect atmospheric or liquid pressure and convert it into an electrical signal.
---
### 1. Technical Specifications Overview
Below is a breakdown of the typical characteristics found in the AS4CT series sensors:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Piezoresistive Pressure Sensor |
| **Output Type** | Analog (R-series) or Digital (Q-series) |
| **Pressure Range** | Commonly 0 to 1.3 Bar (Standard atmospheric range) |
| **Supply Voltage** | Typically 1.8V to 3.6V |
| **Interface** | I2C or SPI (for Digital versions) |
| **Package** | Surface Mount Device (SMD) |
---
### 2. Functional Principles
The device operates on the **Piezoresistive effect**. Inside the small package, there is a silicon diaphragm with integrated resistors.
1. **Pressure Application:** When air or liquid pressure hits the diaphragm, it bends slightly.
2. **Resistance Change:** This mechanical deformation changes the electrical resistance of the bridge circuit.
3. **Signal Conversion:**
* **Analog (R):** The voltage change is amplified and sent directly to an ADC on your microcontroller.
* **Digital (Q):** An internal ASIC (Application Specific Integrated Circuit) converts the analog signal into a binary value readable via I2C/SPI.
---
### 3. Key Applications
* **Altimeters:** Used in drones and wearables to calculate height based on barometric pressure changes.
* **Weather Stations:** Measuring localized atmospheric pressure for weather forecasting.
* **Industrial Sensing:** Monitoring gas or liquid pressure in confined systems.
* **Smartphones:** Helping with GPS indoor positioning (floor detection).
---
### 4. Implementation Example (Digital Communication)
If you are using the digital variant (Q), communication with a microcontroller (like Arduino or ESP32) usually follows this logic:
```cpp
// Pseudocode for reading pressure data via I2C
void setup() {
I2C.begin(SENSOR_ADDRESS);
}
void loop() {
// 1. Send command to trigger measurement
I2C.write(0xAC);
// 2. Wait for conversion time (approx 5-10ms)
delay(10);
// 3. Read 3 bytes (Pressure Data)
uint32_t raw_pressure = I2C.read(3);
// 4. Calculate actual pressure using factory calibration coefficients
float pressure_hpa = calculatePressure(raw_pressure);
}
```
---
- ⤷What is the exact pinout for the SMD package of the AS4CT sensor?
- ⤷ Does the AS4CT-S13 include an internal temperature compensation sensor?
- ⤷ What are the primary differences between the 'R' and 'Q' suffixes regarding circuit design?