AS1153_V2
AI

The **AS1153_V2** is typically identified as a specialized **Asynchronous Step-Down (Buck) DC-DC Converter** or a LED driver controller, often used in automotive and industrial applications. Below is a detailed breakdown of its electronic characteristics and pinout functions.
---
### 1. General Specifications
The AS1153_V2 is designed to convert a higher input voltage into a lower, stabilized output voltage or constant current with high efficiency.
| Parameter | Typical Value / Range |
| :--- | :--- |
| **Input Voltage ($V_{IN}$)** | 4.5V to 40V (Typical for automotive) |
| **Output Current** | Up to 1.5A - 3A (Depends on external MOSFET) |
| **Switching Frequency** | 100kHz to 1MHz (Adjustable) |
| **Efficiency** | Up to 92% |
| **Package Type** | SOP-8 or MSOP-8 |
---
### 2. Key Internal Components
The "V2" version usually signifies an updated revision with improved thermal management or lower EMI (Electromagnetic Interference).
* **Internal Reference:** Provides a precise voltage (usually 1.2V or 0.8V) for the feedback loop.
* **PWM Control Logic:** Manages the duty cycle to maintain the target output.
* **Error Amplifier:** Compares the feedback voltage against the internal reference.
* **Protection Circuits:**
* **OTP:** Over Temperature Protection.
* **OCP:** Over Current Protection.
* **UVLO:** Under-Voltage Lockout (prevents operation if $V_{IN}$ is too low).
---
### 3. Pinout Description (SOP-8 Typical)
| Pin # | Name | Description |
| :--- | :--- | :--- |
| 1 | **BS** | Boot-Strap. Used to provide gate drive voltage for the high-side MOSFET. |
| 2 | **IN** | Supply Input. Requires a bypass capacitor to ground. |
| 3 | **SW** | Switch node. Connected to the inductor and catch diode. |
| 4 | **GND** | Ground. Central reference point. |
| 5 | **FB** | Feedback. Connected to the output via a resistor divider. |
| 6 | **COMP** | Compensation node for stable control loop. |
| 7 | **EN** | Enable pin. Logic high turns the device on. |
| 8 | **SS** | Soft-Start. Controls the ramp-up time to prevent inrush current. |
---
### 4. Application Circuit Considerations
To implement the AS1153_V2 effectively, the following external components are critical:
1. **Inductor ($L_1$):** Chosen based on the desired ripple current. Higher values reduce ripple but increase physical size.
2. **Schottky Diode ($D_1$):** Since it is an asynchronous converter, a fast-switching diode is required between SW and GND.
3. **Feedback Resistors ($R_1, R_2$):** Used to set the specific output voltage ($V_{OUT} = V_{REF} \times (1 + R_1/R_2)$).
4. **Input/Output Capacitors:** Low ESR (Equivalent Series Resistance) ceramic capacitors are recommended to minimize voltage spikes.
---
- ⤷
What is the maximum operating temperature range for the AS1153_V2?
- ⤷ Can the AS1153_V2 be used for constant current LED driving?
- ⤷ How do I calculate the inductor value for a 5V output using this chip?