công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AR035160MR-R

  • AI
    The **AR035160MR-R** is a specific variant of high-power aluminum crust resistors, commonly used in industrial power electronics. These components are designed to dissipate significant thermal energy while maintaining a compact footprint. --- ## Technical Specifications & Features The following table outlines the core electronic characteristics typical of the AR series aluminum housed resistors: | Feature | Specification | | :--- | :--- | | **Component Type** | Wirewound Aluminum Housed Resistor | | **Power Rating** | 160 Watts (at 25°C) | | **Resistance Value** | Defined by "R" suffix (Standard varies by batch) | | **Housing Material** | Anodized Extruded Aluminum | | **Tolerance** | Typically ±5% (J) or ±1% (F) | | **Insulation Resistance** | > 20MΩ | | **Dielectric Strength** | AC 2500V (1 minute) | --- ## Key Electronic Components ### 1. The Resistive Element The internal core consists of a high-quality **Nickel-Chromium (NiCr)** or copper-nickel alloy wire. This wire is precision-wound around a ceramic (alumina) core to achieve the desired resistance value. ### 2. Encapsulation (Potting) The space between the resistive element and the aluminum shell is filled with a high-temperature **silicone molding compound** or cement. This serves two purposes: * **Electrical Insulation:** Prevents shorting to the metal case. * **Thermal Conductivity:** Efficiently transfers heat from the wire to the outer shell. ### 3. The Aluminum Shell The "crust" is made of gold-anodized or silver-anodized aluminum. It features **heat-sink fins** to increase surface area, allowing for faster heat dissipation into the surrounding air or an attached metal chassis. --- ## Common Applications Because of its high power-to-size ratio, the AR035160MR-R is frequently found in: * **Inverters/Converters:** Used as a braking resistor to dissipate excess energy. * **Power Supplies:** Acts as a dummy load or bleeder resistor. * **Motor Control:** Limits current during startup or braking sequences. * **Automation:** Used in industrial machinery where vibration resistance is required. --- ## Usage Precautions * **Derating:** The 160W rating is usually based on the resistor being mounted to a heat sink. If used in free air, the power capacity drops significantly (often to 40-50% of the rated value). * **Temperature:** The surface temperature can exceed 200°C under full load; ensure no heat-sensitive components are nearby.
    ✨ Follow-up Questions
    • ⤷ What is the derating curve for this resistor when used without a heat sink?
    • ⤷ How does the 'MR' suffix specifically define the terminal type for this part?
    • ⤷ What are the mounting hole dimensions for the 160W aluminum housing?