APTGF200U60D4
AI

The **APTGF200U60D4** is a high-power IGBT (Insulated Gate Bipolar Transistor) module manufactured by Microsemi (now part of Microchip Technology). It is specifically designed for high-current and high-voltage applications, featuring a "Single Switch" configuration with a bypass diode.
---
## 1. Core Technical Specifications
The part number itself reveals key electrical characteristics:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Collector-Emitter Voltage ($V_{CES}$)** | 600 V | The maximum voltage the device can withstand. |
| **Continuous Collector Current ($I_C$)** | 200 A | The maximum current it can handle at $T_c = 80^\circ C$. |
| **Gate-Emitter Voltage ($V_{GE}$)** | $\pm 20$ V | The voltage range required to control the gate. |
| **Power Dissipation ($P_D$)** | 750 W | The maximum power the module can dissipate as heat. |
| **Technology** | NPT IGBT | Non-Punch Through technology for ruggedness. |
---
## 2. Key Internal Components
The module is not just a single transistor; it is an integrated power assembly:
* **NPT IGBT:** This provides a low forward voltage drop ($V_{CE(on)}$) and a high capability to withstand short circuits. Unlike older technologies, NPT (Non-Punch Through) has a positive temperature coefficient, making it easier to parallel multiple modules.
* **Fast Recovery Epitaxial Diode (FRED):** The module includes an anti-parallel diode. This is crucial for inductive loads (like motors) to protect the IGBT from voltage spikes when the switch turns off.
* **D4 Package:** This refers to the physical housing, which is a low-profile module designed for direct mounting onto a heatsink to manage the 750W thermal load.
---
## 3. Applications
Due to its high current rating (200A) and fast switching speeds, the APTGF200U60D4 is typically used in:
1. **Welding Machines:** Managing high-current arcs.
2. **Motor Controls:** Variable speed drives for industrial AC/DC motors.
3. **Uninterruptible Power Supplies (UPS):** High-efficiency power conversion.
4. **Solar Inverters:** Converting DC from panels to AC for the grid.
---
## 4. Circuit Diagram Representation
In a simplified schematic, the module functions as a controlled switch:
```text
C (Collector) ---------+
|
[ IGBT ] <--- G (Gate Control)
|
E (Emitter) -----------+
|
[ Anti-Parallel Diode ]
|
+-------
```
---
- ⤷
What are the specific thermal resistance values for the D4 package?
- ⤷ How does NPT technology compare to Trench IGBT technology in terms of switching loss?
- ⤷ What is the recommended gate driver circuit for a 200A IGBT?