công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • APTA-521-R

  • AI
    The **APTA-521-R** is a high-performance, ultra-low power GPS/GNSS receiver module designed for embedded applications. It is typically used in tracking devices, wearables, and IoT sensors where space and battery life are critical. --- ### 1. Key Technical Specifications The following table summarizes the primary electronic characteristics of the APTA-521-R: | Feature | Specification | | :--- | :--- | | **GNSS Support** | GPS, QZSS (L1 C/A) | | **Sensitivity** | -165 dBm (Tracking), -148 dBm (Cold Start) | | **Update Rate** | 1 Hz to 10 Hz | | **Supply Voltage** | 2.8V to 3.6V DC | | **Power Consumption** | ~15mA (Tracking), ~20mA (Acquisition) | | **Interface** | UART (Serial), I2C, SPI (Optional) | | **Internal RTC** | Built-in for fast re-acquisition | --- ### 2. Core Electronic Components The internal architecture of the APTA-521-R consists of several critical sub-systems: #### A. RF Front-End (LNA & Filter) The module integrates a **Low Noise Amplifier (LNA)** and a **SAW Filter**. This combination allows the device to filter out out-of-band noise (such as cellular or Wi-Fi interference) and amplify weak satellite signals, ensuring high sensitivity even with passive antennas. #### B. Baseband Processor This is the "brain" of the module. It handles: - Signal correlation and tracking. - NMEA protocol generation. - Power management (switching between Active and Standby modes). #### C. TCXO (Temperature Compensated Crystal Oscillator) Unlike standard crystals, a **TCXO** ensures that the frequency remains stable despite temperature fluctuations. This is vital for maintaining a fast "Time to First Fix" (TTFF) in outdoor environments. --- ### 3. Pin Configuration (Common Interface) Integration typically requires connecting the following pins: ```yaml Pin 1: VCC (Power Input) Pin 2: GND (Ground) Pin 3: TXD (UART Transmit - NMEA Data) Pin 4: RXD (UART Receive - Configuration) Pin 5: PPS (Pulse Per Second - Timing Output) Pin 6: RESET (Hardware Reset) ``` --- ### 4. Application Integration Notes When designing a PCB for the APTA-521-R, engineers must consider: 1. **Antenna Impedance:** The RF input is usually matched to 50 Ohms. 2. **Decoupling:** Use a 10uF and 0.1uF capacitor on the VCC line to minimize noise. 3. **Backup Battery:** Connecting a small coin cell or supercapacitor to the `V_BCKP` pin allows the module to store satellite data, enabling a "Hot Start" (fix in <1 second).
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Cold Start and a Hot Start for this module?
    • ⤷ Does the APTA-521-R support active antennas or only passive ones?
    • ⤷ How do I configure the NMEA baud rate for this specific part?