APM32E103RCT6-R
AI

## Analysis of APM32E103RCT6-R
The **APM32E103RCT6-R** is a high-performance 32-bit microcontroller produced by **Geehy Semiconductor**. It is based on the ARM® Cortex®-M3 core and is designed as an "Enhanced" version of the standard F103 series, often used as a pin-to-pin compatible alternative to the STM32F103RCT6.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M3 |
| **Max Frequency** | 120 MHz |
| **Flash Memory** | 256 KB |
| **SRAM** | 64 KB |
| **Operating Voltage** | 2.0V ~ 3.6V |
| **Package** | LQFP64 |
| **I/O Pins** | 51 |
| **Operating Temp** | -40°C ~ +105°C |
---
### 2. Peripheral Interfaces
The "Enhanced" (E) series provides a robust set of peripherals suitable for industrial and consumer applications:
* **Communication:**
* 3 x USART + 2 x UART
* 2 x SPI / 2 x I2S
* 2 x I2C
* 1 x CAN 2.0B
* 1 x USB 2.0 OTG (Full Speed)
* **Analog:**
* 3 x 12-bit ADC (up to 16 channels)
* 2 x 12-bit DAC
* **Timers:**
* 2 x Advanced Control Timers (PWM)
* 4 x General Purpose Timers
* 2 x Basic Timers
---
### 3. Distinctive Features
* **FPU-like Performance:** While the Cortex-M3 does not have a native hardware Floating Point Unit (FPU), the 120MHz clock speed allows it to outperform standard 72MHz M3 chips.
* **Hardware Encryption:** Includes a 96-bit unique ID and hardware-level security features to protect firmware.
* **Power Efficiency:** Supports Sleep, Stop, and Standby modes for battery-operated devices.
* **Enhanced Connectivity:** The inclusion of USB OTG provides more flexibility than standard USB Device-only controllers.
---
### 4. Part Number Decoder: APM32E103RCT6-R
```text
APM32 - Geehy MCU Brand
E - Enhanced Series (Higher frequency/more features)
103 - Device Family (Cortex-M3)
R - Pin Count (R = 64 pins)
C - Flash Memory Size (C = 256 KB)
T - Package Type (T = LQFP)
6 - Temp Range (6 = -40°C to +85°C/105°C)
-R - Packing Method (R = Tape & Reel)
```
---
- ⤷
How does the APM32E103RCT6-R compare in compatibility with the STM32F103RCT6?
- ⤷ What are the specific power consumption figures for the Standby mode?
- ⤷ Which development tools or IDEs are recommended for programming this MCU?