công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • APLS2555-R

  • AI
    ### Overview: APLS2555-R The **APLS2555-R** is a high-performance, integrated power distribution switch primarily used for USB ports and other self-powered systems. It belongs to a class of Protection ICs designed to safeguard hardware against overcurrent, short circuits, and thermal overstress. --- ### 1. Key Technical Specifications The device is characterized by its low "on-resistance" and robust protection features. | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 2.7V to 5.5V | | **Current Limit** | 2.5A (Fixed or Adjustable depending on variant) | | **RDS(on)** | ~80 mΩ (Low Resistance) | | **Output Discharge** | Integrated (Auto-discharge when disabled) | | **Response Time** | 2μs Overcurrent Response | | **Package Type** | SOT-23-5 or Similar Compact Footprint | --- ### 2. Functional Electronic Components The internal circuitry of the APLS2555-R consists of several critical stages: 1. **N-Channel MOSFET:** The main power switch that connects the input to the output. Its low resistance minimizes voltage drop and heat generation. 2. **Charge Pump:** Since it uses an N-channel MOSFET, an internal charge pump raises the gate voltage above the input supply to fully turn on the transistor. 3. **Current Sense Circuitry:** Monitors the flow of current. If the load exceeds the 2.5A threshold, the IC enters "Current Limit Mode." 4. **Error Flag ($\overline{FLG}$):** An open-drain output that pulls low to alert a microcontroller if a fault (overcurrent or over-temperature) occurs. 5. **Thermal Shutdown:** A sensor that disables the switch if the internal temperature exceeds a safe limit (typically around 150°C). --- ### 3. Pin Configuration Commonly found in a 5-pin configuration, the parts function as follows: | Pin Name | Function | Description | | :--- | :--- | :--- | | **IN** | Input | Power supply input. | | **GND** | Ground | Circuit common ground. | | **EN / $\overline{EN}$** | Enable | Logic input to turn the switch on or off. | | **$\overline{FLG}$** | Fault Status | Active-low output indicating overcurrent or over-temp. | | **OUT** | Output | The protected power output to the load. | --- ### 4. Typical Application Circuit When designing with the APLS2555-R, external capacitors are required for stability and noise reduction. ```cpp // Schematic Logic Representation [Source 5V] ----+---- [IN] [OUT] ----+---- [USB Port/Load] | (IC) | | [C_in] [EN] [FLG] [C_out] | | | | [GND] [MCU] [PullUp] [GND] ``` --- ### 5. Protection Features * **Soft Start:** Gradually increases the output voltage to prevent large "inrush" currents that could crash the main power rail. * **Reverse Current Blocking:** Prevents current from flowing back from the output to the input when the switch is off. * **Deglitch Timer:** The Fault pin has a built-in delay (usually ~7ms) to prevent false triggers caused by momentary noise.
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the APLS2555-R and the APLS2555-Q?
    • ⤷ How do I calculate the power dissipation of this IC during a full load of 2.5A?
    • ⤷ Which bypass capacitor values are recommended for the IN and OUT pins?