công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • APLS0750-R

  • AI
    The **APLS0750-R** is a high-performance, shielded power inductor typically utilized in DC-DC converter applications and power management modules. It is designed to handle high current while maintaining a small footprint. --- ### 1. Key Technical Specifications The following table outlines the primary electronic characteristics of the APLS0750-R series: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Inductance Range** | 0.10 to 10.0 | µH | | **Tolerance** | ±20% | % | | **Rated Current (Irms)** | up to 32.0 | A | | **Saturation Current (Isat)** | up to 50.0 | A | | **DC Resistance (DCR)** | 0.6 to 35.0 | mΩ | | **Operating Temperature** | -40 to +125 | °C | --- ### 2. Core Components and Materials The "electronic parts" or internal construction of this component include: * **Magnetic Core:** Usually composed of a **Metal Alloy Powder**. This material allows for soft saturation characteristics, meaning the inductance does not drop abruptly when the current increases. * **Winding:** High-grade copper wire is wound inside the core to create the magnetic field. * **Shielding:** The component is magnetically shielded. This reduces Electromagnetic Interference (EMI) by containing the magnetic flux within the inductor body. * **Terminals:** Lead-free (RoHS compliant) tin-plated copper pads for Surface Mount Technology (SMT) soldering. --- ### 3. Functional Applications The APLS0750-R is commonly found in the following electronic circuits: 1. **Voltage Regulator Modules (VRM):** Used in CPUs and GPUs to provide stable, high-current power. 2. **Point of Load (POL) Converters:** Distributed power systems in telecommunications. 3. **Battery Powered Devices:** High efficiency and low DCR help extend battery life. 4. **Automotive Electronics:** Used in infotainment and ADAS systems due to its high temperature stability. --- ### 4. Part Number Breakdown The nomenclature usually follows this logic: * **APLS:** Series designation (Shielded Power Inductor). * **0750:** Physical dimensions (Approx. 7.0mm x 7.5mm footprint). * **R:** Packaging code (typically signifies Tape & Reel).
    ✨ Follow-up Questions
    • ⤷ What are the specific saturation current limits for the 1.0uH version of this inductor?
    • ⤷ How does the metal alloy core compare to traditional ferrite cores in terms of EMI?
    • ⤷ What are the recommended soldering profiles for the APLS0750-R?