AI

The **APL0381.19-R** is a specialized electronic component, typically classified as a **Power Management Integrated Circuit (PMIC)** or a High-Side Power Switch, commonly found in high-end consumer electronics (specifically Apple MacBook and iPad logic boards).
---
## 1. Technical Specifications
While detailed public datasheets for "APL" series chips are often restricted due to their proprietary nature in Apple's supply chain, the following specifications represent the standard operational profile for this part:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Power Distribution Switch / PMIC |
| **Function** | Controls power rails, provides over-current protection |
| **Package Type** | WLCSP (Wafer Level Chip Scale Package) |
| **Common Application** | MacBook Logic Boards (e.g., A1706, A1707, A1989) |
| **Primary Goal** | Power sequencing and protection for peripheral rails |
---
## 2. Key Electronic Functions
The APL0381.19-R performs several critical roles within a circuit:
### A. Power Switching
It acts as a gatekeeper for specific voltage rails. When the system controller (SMC/T2) sends an "Enable" signal, this chip closes the internal MOSFET to allow power to flow to downstream components like sensors or NAND flash memory.
### B. Protection Circuitry
* **Over-Current Protection (OCP):** Monitors the current draw and shuts down the rail if a short circuit is detected to prevent motherboard damage.
* **Thermal Shutdown:** If the chip exceeds its operating temperature due to high load, it will automatically cut power.
* **Soft Start:** Gradually ramps up the output voltage to prevent "inrush current" that could cause system instability.
### C. Logic Communication
The chip often communicates via simple logic high/low signals or, in some variations, via an **I2C/SMBus** interface to report status or faults to the main system management controller.
---
## 3. Common Failure Symptoms
When this part fails on a logic board, technicians typically observe the following:
1. **Missing Power Rails:** A specific section of the board (e.g., SSD power or Camera power) remains at 0V even when the laptop is on.
2. **Short to Ground:** The chip may fail internally, causing a direct short that prevents the laptop from booting or causes the charger to cut out.
3. **Heat Generation:** A faulty APL0381.19-R will often become extremely hot to the touch (detectable via thermal camera) when power is applied.
---
## 4. Replacement Notes
```text
Warning: This is a BGA (Ball Grid Array) component.
Replacement requires:
- High-precision hot air rework station.
- Lead-free solder paste or pre-balled chips.
- Microscope for alignment.
- Knowledge of underfill removal (if applicable).
```
- ⤷
What are the common motherboard models that use the APL0381.19-R?
- ⤷ How do I test if this chip is faulty using a multimeter?
- ⤷ Are there any compatible alternative parts for the APL0381?