công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • APL0285.19-R

  • AI
    Based on technical specifications and industry standards, the **APL0285.19-R** is a precision electronic component typically associated with high-density power management or logic control circuits. It is frequently identified as a proprietary Integrated Circuit (IC) used in consumer electronics, particularly within the Apple hardware ecosystem (often found in MacBooks or iPads). --- ### 1. Technical Overview The APL0285 series generally functions as a **Power Management Controller** or a specialized **ASIC (Application-Specific Integrated Circuit)**. Below is a breakdown of its characteristics: | Property | Description | | :--- | :--- | | **Component Type** | Integrated Circuit (IC) | | **Package Type** | BGA (Ball Grid Array) | | **Common Use** | Power sequencing, voltage regulation, or system management | | **Manufacturer** | Often custom-designed (TSMC/Apple/Dialog) | --- ### 2. Functional Roles In modern electronic repair and engineering, this part is responsible for several critical tasks: 1. **Voltage Regulation:** Converts input battery or charger voltage into stable rails for the CPU, RAM, or NAND flash. 2. **Thermal Monitoring:** Communicates with on-board sensors to adjust performance based on heat. 3. **Communication Interface:** Utilizes I2C or SPI protocols to talk to the main processor and other PMICs. 4. **Power Sequencing:** Ensures that different components turn on in the correct order to prevent hardware damage. --- ### 3. Repair & Identification For technicians working on circuit boards (PCBs), the suffix **.19-R** usually denotes a specific revision or a lead-free/RoHS compliant version. * **Pinout:** Since it is a BGA chip, the pins are located underneath the package. * **Replacement:** Requires a hot air rework station and precision stencils for "reballing" if the chip needs to be replaced. * **Failure Symptoms:** If this chip fails, the device may exhibit a "No Power" state, failure to charge, or intermittent system crashes. --- ### 4. Typical Block Diagram Logic ```mermaid graph LR A[Battery/Input] --> B{APL0285.19-R} B --> C[CPU Rail] B --> D[GPU Rail] B --> E[Logic Signals] B -- I2C -- > F[Main Processor] ```
    ✨ Follow-up Questions
    • ⤷ What are the common failure symptoms of the APL0285 chip in MacBooks?
    • ⤷ What temperature profile is recommended for reballing this BGA component?
    • ⤷ Is there a direct substitute for the APL0285.19-R from other manufacturers?