công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • APL0189.19-R

  • AI
    The **APL0189.19-R** is a specific technical component part number, most commonly associated with **Apple Inc.’s** hardware ecosystem. This part number typically refers to a **Power Management Integrated Circuit (PMIC)** or a secondary power controller found in various revisions of iPhone and iPad logic boards. --- ### 1. General Specifications While Apple does not release public datasheets for their proprietary chips, the "APL" prefix and the specific suffix denote its role in the power rail architecture. | Feature | Description | | :--- | :--- | | **Component Type** | Integrated Circuit (IC) | | **Function** | Power Management / Voltage Regulation | | **Manufacturer** | Manufactured for Apple (often by TSMC or Dialog Semiconductor) | | **Mounting Type** | Surface Mount (SMD / BGA) | | **Typical Package** | Ball Grid Array (WLCSP) | --- ### 2. Electronic Functions The APL0189 family of chips is designed to handle high-efficiency power conversion. Its primary responsibilities include: * **Step-Down Conversion (Buck):** Converting high battery voltage down to the low voltages (e.g., 0.8V to 1.8V) required by the CPU/GPU. * **LDO Regulators:** Providing clean, low-noise power to sensitive components like the camera sensors or audio chips. * **Sequencing:** Ensuring that different parts of the processor power up in a specific order to prevent hardware damage. * **Thermal Monitoring:** Communicating with the system via I2C or SPMI bus to report heat levels and power consumption. --- ### 3. Usage in Hardware This specific revision (**.19-R**) is frequently identified in the following contexts: 1. **Logic Board Repairs:** Used by micro-soldering technicians to fix "No Power" or "Short Circuit" issues. 2. **Failure Symptoms:** If this chip fails, the device may exhibit: * Failure to boot. * Rapid battery drain. * Overheating near the PMIC area. * Loss of specific functions (e.g., No Wi-Fi or No Display) if a specific power rail is dead. --- ### 4. Technical Handling Requirements Because this is a **BGA (Ball Grid Array)** chip, it requires specialized tools for replacement: ```bash # Required Equipment for APL0189.19-R Service 1. Hot Air Rework Station (Calibrated for lead-free solder) 2. High-quality Flux (NC-559-ASM or similar) 3. Precision Tweezers 4. Stencil for APL0189 (for reballing) 5. Digital Multimeter (for checking rail shorts) ``` ---
    ✨ Follow-up Questions
    • ⤷Which specific Apple device models use the APL0189.19-R chip?
    • ⤷ What are the common pinout configurations for this type of PMIC?
    • ⤷ How can I diagnose a short circuit on the APL0189.19-R power rail?