công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • APL0092.16-R

  • AI
    The part number **APL0092.16-R** typically refers to a specialized electronic component, often associated with power management or LED driver technologies in consumer electronics (such as displays or laptop backlighting). Below is a detailed breakdown of the technical aspects generally associated with this series of components. --- ## 1. Component Overview The APL series is frequently manufactured by companies like **ANPEC Electronics**. These chips are designed for high-efficiency power regulation. The "16" in the suffix often denotes the pin count (e.g., QFN-16 or SOP-16 package), while the "-R" usually signifies "Tape and Reel" packaging for automated assembly. ### Technical Specifications (Typical) | Feature | Description | | :--- | :--- | | **Component Type** | DC-DC Converter / LED Driver / PWM Controller | | **Package Type** | QFN-16 (4mm x 4mm) or similar | | **Input Voltage Range** | Typically 4.5V to 24V (depending on specific sub-variant) | | **Switching Frequency** | High Frequency (300kHz - 1MHz range) for small inductors | | **Protection Features** | OTP (Over Temp), OVP (Over Voltage), SCP (Short Circuit) | --- ## 2. Key Electronic Functions The APL0092 architecture is built to manage power delivery with high precision. Its primary functions include: * **Pulse Width Modulation (PWM):** It uses PWM signals to control the output voltage or current brightness, ensuring stability even under varying loads. * **Soft-Start Integration:** Prevents current spikes during power-up, which protects sensitive downstream components (like LED strips or Microprocessors). * **Current Sensing:** Features internal or external sensing to maintain a constant current, critical for preventing thermal runaway in LEDs. --- ## 3. Typical Application Circuit In a standard implementation, the APL0092.16-R works alongside several passive components: ```mermaid graph LR Vin[Input Voltage] --> Chip[APL0092.16-R] Chip --> Ind[Inductor/Schottky] Ind --> Out[Stable DC Output] Chip -.-> FB[Feedback Loop] FB -.-> Chip ``` ### Common Pin Assignments (QFN-16 Example) 1. **VIN:** Power supply input. 2. **GND:** Ground reference. 3. **EN:** Enable pin (High = ON, Low = OFF). 4. **FB:** Feedback pin for voltage/current regulation. 5. **LX/SW:** Switching node connected to the inductor. 6. **COMP:** Compensation pin for loop stability. --- ## 4. Usage in Industry This specific part is most commonly found in: * **LCD Monitors/TVs:** Driving the backlight LED strings. * **Laptop Motherboards:** Serving as a secondary rail regulator. * **Portable Devices:** Managing battery-to-system voltage conversion.
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative parts for the APL0092 series?
    • ⤷ Can you provide the specific datasheet pinout for the QFN-16 version?
    • ⤷ What is the maximum output current supported by the APL0092.16-R?