AI

The **AP43771FBZ-13-FZ95** is a highly integrated **USB Type-C Power Delivery (PD) Controller** manufactured by Diodes Incorporated. It is specifically designed to manage power negotiation and supply between power sources (like wall adapters) and sink devices (like smartphones or laptops).
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Diodes Incorporated |
| **Protocol Support** | USB PD 3.0 (PPS), QC4/4+, QC5 |
| **Operating Voltage** | 3.3V to 24V |
| **Package Type** | V-QFN4040-24 |
| **Control Interface** | I2C (Inter-Integrated Circuit) |
| **Protection Features** | OVP, UVP, OCP, SCP, OTP |
---
### 2. Core Functional Blocks
The internal electronic architecture consists of several critical stages:
1. **PD PHY (Physical Layer):** Handles the BMC (Biphase Mark Coding) signaling over the CC1/CC2 lines to communicate with the connected device.
2. **Protocol Engine:** A digital logic block that manages the "handshaking" process, ensuring both the charger and the device agree on a specific voltage (e.g., 5V, 9V, 15V, 20V).
3. **Gate Drivers:** Integrated circuitry designed to drive external N-channel MOSFETs, which act as switches to turn the power output on or off safely.
4. **ADC (Analog-to-Digital Converter):** Monitors voltage and current in real-time to provide feedback for the Programmable Power Supply (PPS) features.
---
### 3. Application Circuit Components
To function in a real-world electronic design, the AP43771 requires the following surrounding parts:
* **Sense Resistor:** Used to measure output current for OCP (Overcurrent Protection).
* **N-Channel MOSFETs:** Act as the "Load Switch" to isolate the output connector from the power source until negotiation is successful.
* **Decoupling Capacitors:** Usually 0.1μF or 1μF placed near the VCC and VIN pins to filter high-frequency noise.
* **CC Line Resistors:** Internal or external pull-up/pull-down resistors to detect cable orientation.
---
### 4. Why the "FZ95" Suffix?
The specific suffix **-FZ95** typically refers to a custom firmware version or a specific packaging/reeling variant. In PD controllers, the firmware determines:
* Default power profiles (e.g., max wattage).
* Specific vendor-defined messages (VDMs).
* Behavior when a non-PD compliant cable is detected.
---
### 5. Common Use Cases
* **USB-C Fast Chargers:** AC/DC adapters ranging from 18W to 100W+.
* **Power Banks:** Managing both charging the battery and discharging to a phone.
* **Car Chargers:** Converting 12V automotive power to PD-compliant outputs.
- ⤷
What is the difference between USB PD 3.0 and PPS supported by this chip?
- ⤷ How does the I2C interface allow for communication with a primary side controller?
- ⤷ What external MOSFETs are recommended for use with the AP43771?