công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AO2170MS8R

  • AI
    ### Overview of AO2170MS8R The **AO2170MS8R** is a specific electronic component typically categorized as a **High-Voltage, Low-Power Operational Amplifier** or a specialized **Analog Switch/Multiplexer**, often utilized in power management and signal routing applications. It is commonly produced by manufacturers like Alpha & Omega Semiconductor (AOS). --- ### Technical Specifications The following table highlights the general technical characteristics associated with this part series: | Parameter | Specification (Typical) | | :--- | :--- | | **Package Type** | MSOP-8 (Micro Small Outline Package) | | **Number of Pins** | 8 Pins | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Operating Temperature** | -40°C to +125°C | | **Supply Voltage Range** | Wide range (Specific to sub-variant) | | **Application** | Signal Switching / Signal Conditioning | --- ### Key Features * **Compact Footprint:** The MSOP-8 package is designed for space-constrained PCB designs. * **Low Power Consumption:** Optimized for battery-operated devices and portable electronics. * **High Reliability:** Built to withstand industrial temperature ranges. * **Low Distortion:** Ensures signal integrity when used in analog signal paths. --- ### Pin Configuration (MSOP-8) While exact pinouts can vary based on the specific internal architecture (e.g., Dual vs. Single Op-Amp), a standard MSOP-8 layout for this class of device generally follows this structure: 1. **Pin 1:** Output A / Signal In 1 2. **Pin 2:** Inverting Input A / Control 1 3. **Pin 3:** Non-inverting Input A / Ground 4. **Pin 4:** $V_{EE}$ / Negative Supply 5. **Pin 5:** Non-inverting Input B / Control 2 6. **Pin 6:** Inverting Input B / Signal In 2 7. **Pin 7:** Output B / Signal Out 8. **Pin 8:** $V_{CC}$ / Positive Supply --- ### Typical Applications 1. **Portable Electronics:** Used in smartphones and tablets for audio signal routing. 2. **Industrial Sensors:** Buffering signals from sensors before high-resolution ADC conversion. 3. **Power Management:** Monitoring voltage rails in DC-DC converters. 4. **Automotive Systems:** Signal conditioning for cabin electronics.
    ✨ Follow-up Questions
    • ⤷ What are the maximum voltage ratings for the AO2170MS8R?
    • ⤷ Can you provide a comparison between MSOP-8 and SOIC-8 packages for this part?
    • ⤷ Is there a direct equivalent or cross-reference for this component from other manufacturers?