công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AND4YA

  • AI
    The **AND4YA** is a specific marking code found on surface-mount devices (SMD), typically associated with the **Torex Semiconductor XC6210 series** or similar high-speed CMOS LDO (Low Dropout) regulators. Below is a detailed breakdown of the electronic specifications and characteristics associated with this part. --- ## 1. Device Identification The code "AND" usually represents the product series, while "4YA" denotes the production batch, voltage code, or internal tracking information. | Feature | Description | | :--- | :--- | | **Component Type** | CMOS Low Dropout (LDO) Voltage Regulator | | **Package Type** | SOT-25 / SOT-23-5 | | **Manufacturer** | Torex Semiconductor (commonly) | | **Function** | Provides a stable, low-noise DC output from a higher input voltage. | --- ## 2. Technical Specifications While specific parameters can vary based on the full part number (e.g., XC6210A332MR), the typical characteristics for this series are as follows: ### Electrical Characteristics * **Maximum Output Current:** 700mA (High current for its size). * **Dropout Voltage:** Very low, typically around 50mV @ 100mA. * **Input Voltage Range:** 1.5V to 6.0V. * **Output Voltage Range:** Fixed versions available from 0.8V to 5.0V (in 0.05V increments). * **Quiescent Current:** ~35µA (Low power consumption). ### Protective Features 1. **Current Limiting:** Built-in foldback circuit to prevent damage during short circuits. 2. **Thermal Shutdown:** Automatically turns off if the chip temperature exceeds safe limits. 3. **CE (Chip Enable):** Allows the device to be put into standby mode to save battery. --- ## 3. Pin Configuration (SOT-25) Standard pinout for the XC6210 / AND series: | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | **VIN** | Power Supply Input | | 2 | **VSS** | Ground | | 3 | **CE** | Chip Enable (Active High) | | 4 | **NC** | No Connection | | 5 | **VOUT** | Regulated Output Voltage | --- ## 4. Typical Application Circuit To ensure stability, LDOs like the AND4YA require ceramic capacitors. ```c // Basic Connection Diagram [Input Source] ---+---[ VIN ] [ VOUT ]---+--- [ Load ] | | [Cin] [Cout] | | [ Ground ] -------+---[ VSS ]------------------+--- [ Ground ] // Note: Cin and Cout are typically 1.0uF or higher ceramic capacitors. ``` --- ## 5. Summary of Use Cases * **Mobile Phones:** Powering internal logic gates or RF modules. * **Portable Electronics:** Ideal for battery-operated devices due to low dropout. * **Camera Modules:** Low noise output ensures high-quality image processing.
    ✨ Follow-up Questions
    • ⤷ How do I verify if AND4YA is the exact XC6210 model using a datasheet?
    • ⤷ What are the common alternatives to the AND4YA regulator?
    • ⤷ Can this part handle an input voltage higher than 6V?