công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AN-R

  • AI
    Based on common technical nomenclature in electronics and amateur radio, **AN-R** typically refers to components found within **Active Network Receivers** or specific military-grade **Antenna Relays/Receivers**. However, if you are referring to a specific model number like the *AN/PRC* or a general *R-series* resistor network, the architecture remains consistent across high-performance electronic systems. Below is a breakdown of the core electronic parts found in high-frequency (HF/VHF) receiver systems often designated as AN-R units. ### Core Electronic Components | Component Category | Primary Function | Typical Parts Used | | :--- | :--- | :--- | | **RF Front-End** | Signal capture and filtering | Low-noise amplifiers (LNA), Band-pass filters | | **Frequency Control** | Tuning and stability | Quartz crystals, Phase-Locked Loops (PLL) | | **Power Management** | Voltage regulation | LDO Regulators, Zener diodes, Decoupling caps | | **Signal Processing** | Demodulation and output | Operational Amplifiers (Op-Amps), DSP chips | --- ### Key Internal Modules #### 1. The Resistor Network (The "R" Component) In many "AN-R" schematics, the **R** denotes a precise resistor ladder or network. * **Purpose:** Used for impedance matching between the antenna and the receiver circuit. * **Part Type:** Thick-film or thin-film surface mount resistors (SMD) with 1% tolerance to ensure signal integrity. #### 2. Filtering Stages (LC Circuits) To prevent interference, these units use a combination of: * **Inductors (L):** Toroidal cores or chip inductors to store energy in a magnetic field. * **Capacitors (C):** Ceramic multilayer capacitors (MLCC) for high-frequency bypass and silver mica capacitors for stability in resonant circuits. #### 3. Active Switching Modern versions of these units replace mechanical relays with: * **PIN Diodes:** Used for fast RF switching. * **MOSFETs:** Used for power amplification and signal gating. --- ### Technical Specifications Summary ```cpp // Example of a Signal Processing Logic for AN-R Tuning void tuneFrequency(long targetFreq) { if (targetFreq > MAX_LIMIT || targetFreq < MIN_LIMIT) { error_log("Frequency Out of Range"); } else { PLL_Lock(targetFreq); // Adjusts local oscillator Filter_Select(targetFreq); // Switches appropriate LC bank } } ``` --- ### Maintenance and Identification When identifying parts on an **AN-R** PCB (Printed Circuit Board), look for the following reference designators: * **R1, R2...**: Resistors (check for charring in case of failure). * **C1, C2...**: Capacitors (check for bulging in electrolytic types). * **U1, U2...**: Integrated Circuits (The "brains" of the unit). * **L1, L2...**: Inductors/Chokes. ---
    ✨ Follow-up Questions
    • ⤷Are you referring to a specific military AN/R-series receiver model?
    • ⤷ How do you test for a faulty resistor network in an RF circuit?
    • ⤷ What is the difference between active and passive components in these units?