AMPLH7020S-R68M
AI

The **AMPLH7020S-R68M** is a high-performance, shielded power inductor typically used in DC-DC converter circuits. It is designed for high-current applications where space and efficiency are critical.
---
### 1. Part Number Breakdown
To understand the component, we can decode the nomenclature (based on standard industry naming for this series):
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **AMPLH** | Series Type | High-current, molded power inductor series. |
| **7020** | Case Size | Dimensions approx. 7.0mm x 6.6mm with a height of 2.0mm. |
| **S** | Construction | Shielded construction (minimizes EMI). |
| **R68** | Inductance | **0.68 µH** (R denotes the decimal point). |
| **M** | Tolerance | **±20%** inductance tolerance. |
---
### 2. Key Technical Specifications
While exact values can vary slightly by manufacturer (e.g., Cyntec or similar brands), the typical specs for a 7020 R68 inductor are:
* **Inductance:** 0.68 µH
* **DC Resistance (DCR):** Low (typically between 4mΩ to 6mΩ) to minimize power loss.
* **Saturation Current ($I_{sat}$):** High (often ranging from 15A to 22A), meaning it maintains inductance even at high peak currents.
* **Rated Current ($I_{rms}$):** High thermal current rating for continuous operation.
* **Operating Temperature:** Typically -40°C to +125°C.
---
### 3. Core Features & Materials
* **Metal Alloy Powder:** These inductors use a molded metal powder core. This provides "soft" saturation characteristics, meaning the inductance drops gradually rather than abruptly when current increases.
* **Magnetic Shielding:** The molded construction naturally shields the component, reducing electromagnetic interference (EMI) with neighboring components on the PCB.
* **Low Profile:** The "20" in the name indicates a 2.0mm height, making it ideal for thin electronic devices like laptops or tablets.
---
### 4. Typical Applications
This specific inductor is commonly found in:
1. **Voltage Regulator Modules (VRMs):** Providing power to CPUs or GPUs.
2. **Point of Load (POL) Converters:** Used in telecommunications and networking gear.
3. **Battery Powered Devices:** High-efficiency DC-DC buck converters in smartphones and notebooks.
4. **Automotive Electronics:** If the specific sub-series is AEC-Q200 qualified.
- ⤷What is the difference between R68M and 1R0M in this series?
- ⤷ How does the 'soft saturation' of metal powder cores benefit a circuit?
- ⤷ Can this inductor be used in high-frequency switching power supplies above 1MHz?