AMPLH7020S-R20M
AI

The **AMPLH7020S-R20M** is a high-performance **Surface Mount (SMD) Power Inductor**. It is part of a specialized series (often manufactured by companies like ASPI or similar high-current power component specialists) designed for high-density power applications.
---
## 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the component's physical and electrical limits:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **AMPLH** | Series Type | High-current, low-profile molded power inductor. |
| **7020** | Case Size | Approx. 7.0mm x 6.6mm (Length/Width) and 2.0mm (Height). |
| **S** | Construction | Often denotes Shielded or Standard structure. |
| **R20** | Inductance Value | **0.20 µH** (R acts as the decimal point). |
| **M** | Tolerance | **±20%** (Industry standard for power inductors). |
---
## 2. Technical Specifications
While exact values can vary slightly by manufacturer, the **7020S-R20M** typically adheres to these parameters:
* **Inductance:** 0.20 µH
* **DCR (DC Resistance):** Extremely low (typically < 2.0 mΩ), minimizing heat loss.
* **Saturation Current ($I_{sat}$):** Very high (often 20A to 35A), meaning the inductance doesn't drop significantly under high load.
* **Temperature Rise Current ($I_{rms}$):** Typically 15A to 25A depending on the thermal design.
* **Operating Temperature:** -40°C to +125°C.
---
## 3. Key Electronic Features
### A. Composite Molded Structure
The core is made of a metallic powder (iron-based). This allows for a "soft saturation" curve, meaning the inductor doesn't instantly lose its properties if the current spikes momentarily.
### B. Magnetic Shielding
The molded design naturally acts as a shield. This reduces **Electromagnetic Interference (EMI)**, which is critical when the part is placed near sensitive CPU or communication traces.
### C. Low DCR & High Efficiency
Because the inductance is low (0.20 µH), the internal copper winding is short and thick. This results in ultra-low resistance, making it ideal for high-efficiency DC-DC converters.
---
## 4. Typical Applications
This specific inductor is found in circuits requiring high current and fast transient response:
1. **Voltage Regulator Modules (VRM):** Used in motherboards and GPU power phases.
2. **DC/DC Converters:** Point-of-Load (POL) converters for telecommunications.
3. **Battery Powered Systems:** Where high efficiency is needed to extend battery life.
4. **FPGA/ASIC Power:** Providing stable current to high-speed processors.
---
- ⤷
What are the equivalent alternative part numbers for the AMPLH7020S-R20M?
- ⤷ How does the 'soft saturation' of a molded inductor differ from a ferrite core inductor?
- ⤷ What is the recommended PCB footprint or land pattern for a 7020 size inductor?