AMLDW-6035-RZ
AI

The **AMLDW-6035-RZ** is a high-efficiency, DC-DC step-down (buck) LED driver manufactured by **Aimtec**. This component is specifically designed to provide a constant current output, which is essential for maintaining the longevity and brightness stability of high-power LEDs.
---
### ## Technical Specifications
The following table summarizes the key electrical parameters for the AMLDW-6035-RZ:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 7V to 60V DC |
| **Output Current** | 350mA (Constant) |
| **Efficiency** | Up to 97% |
| **Operating Temperature** | -40°C to +85°C |
| **Dimming Support** | PWM and Analog |
| **Package Type** | DIP14 (Dual In-line Package) |
| **Protection Features** | Short Circuit, Over-temperature |
---
### ### Core Electronic Features
1. **Wide Input Voltage Range:**
Supporting up to 60V makes it highly versatile for industrial applications, automotive systems (24V systems), and architectural lighting where long LED strings are used.
2. **Dual Dimming Control:**
The driver features a multi-function control pin:
* **PWM Dimming:** Allows for digital brightness control by pulsing the signal.
* **Analog Dimming:** Adjusts brightness by varying the DC voltage level on the control pin.
3. **High Efficiency:**
By utilizing switching regulator technology rather than linear regulation, it minimizes heat dissipation. This allows the part to operate without an external heatsink in most conditions.
4. **No External Components Required:**
The "Z" series is often characterized as a "plug-and-play" module. It integrates the inductor and capacitors internally, significantly reducing the PCB footprint and design complexity.
---
### ### Typical Application Circuit
While the module is self-contained, a basic implementation looks like this:
```mermaid
graph LR
A[DC Power 7-60V] --> B[VIN Pin]
C[Ground] --> D[GND Pin]
B --> E[AMLDW-6035-RZ]
E --> F[LED +]
E --> G[LED -]
H[Microcontroller] -- PWM --> I[Remote ON/OFF Pin]
```
---
### ### Pinout Configuration (DIP14)
The device usually utilizes a standard 14-pin DIP footprint, though many pins are omitted for spacing:
* **Pin 1 & 2:** GND (Input Ground)
* **Pin 3:** Remote ON/OFF / Dimming Control
* **Pin 7 & 8:** LED - (Output Connection)
* **Pin 9 & 10:** LED + (Output Connection)
* **Pin 13 & 14:** VIN (Positive Input)
- ⤷
How does the PWM frequency affect the dimming resolution of this driver?
- ⤷ What are the specific thermal derating curves for the AMLDW-6035-RZ?
- ⤷ Can multiple units be connected in parallel to increase output current?