AMDLH5030S-R68M
AI

The **AMDLH5030S-R68M** is a high-performance surface-mount (SMD) power inductor typically used in DC-DC converter applications. It is part of a series designed for high current handling and low magnetic interference.
---
### 1. Part Number Deciphering
To understand the specific properties of this component, we can break down the nomenclature:
| Code | Meaning | Description |
| :--- | :--- | :--- |
| **AMDLH** | Series Prefix | High-current, shielded power inductor series. |
| **5030** | Dimensions | Indicates size: approx. 5.0mm x 5.0mm with a 3.0mm height. |
| **S** | Construction | Often denotes Standard or Sealed magnetic shielding. |
| **R68** | Inductance Value | **0.68 µH** (Microhenries). |
| **M** | Tolerance | **±20%** tolerance on the inductance value. |
---
### 2. Key Technical Specifications
While exact values can vary slightly by manufacturer (such as Allied Components or similar specialized magnetic vendors), the general specs for an **R68** in a **5030** package are:
* **Inductance:** 0.68 µH
* **DC Resistance (DCR):** Very low (typically < 10 mΩ) to minimize power loss.
* **Saturation Current (Isat):** High, usually ranging between 8A to 12A depending on the specific core material.
* **Operating Temperature:** Typically -40°C to +125°C.
* **Shielding:** Magnetically shielded construction to prevent Electromagnetic Interference (EMI) with nearby components.
---
### 3. Application Areas
This specific inductor is commonly found in circuits requiring high efficiency and compact footprints:
1. **Voltage Regulator Modules (VRMs):** Used in CPU/GPU power delivery.
2. **Point of Load (POL) Converters:** For step-down (Buck) conversion in laptops and tablets.
3. **Battery Powered Devices:** High efficiency helps extend battery life.
4. **Network/Telecomm:** Used in high-speed data transmission equipment power rails.
---
### 4. Component Comparison
| Feature | AMDLH5030S-R68M | Standard Wire-Wound Inductor |
| :--- | :--- | :--- |
| **EMI Shielding** | Excellent (Molded/Shielded) | Poor (Open Core) |
| **Current Handling** | Very High | Moderate |
| **Footprint** | Small (5.0 x 5.0mm) | Generally Larger |
| **Acoustic Noise** | Low (Composite core) | Potential for buzzing |
- ⤷
What are the equivalent alternative parts for the AMDLH5030S-R68M?
- ⤷ How does the saturation current affect the performance of this inductor in a buck converter?
- ⤷ What is the impact of the 3.0mm height on thermal dissipation?