AM5TW-RZ_16
AI

The **AM5TW-RZ** series is a line of high-performance, 5-watt DC-DC converters manufactured by **Aimtec**. These components are widely used in industrial, telecommunications, and battery-powered applications due to their ultra-wide input range and compact SIP8 packaging.
Below is a detailed breakdown of the electronic specifications and features for the **AM5TW-RZ** series (specifically the 16W class variants/input ranges).
---
### 1. Key Technical Specifications
The "16" in the part suffix typically refers to the input voltage range (e.g., a 4:1 ultra-wide input). Here are the primary electrical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Power Output** | 5 Watts |
| **Input Voltage Range** | 9-36 VDC (24V nominal) or 18-75 VDC (48V nominal) |
| **Isolation Voltage** | 1500 VDC or 3000 VDC (model dependent) |
| **Package Style** | SIP8 (Single In-line Package) |
| **Efficiency** | Up to 85% |
| **Operating Temp** | -40°C to +85°C |
---
### 2. Functional Blocks and Internal Parts
The AM5TW series consists of several critical internal stages that ensure stable power delivery:
* **Input Filter:** Includes an internal capacitor and inductor to minimize reflected ripple current and provide basic EMI protection.
* **PWM Controller:** A high-frequency switching controller that regulates the output voltage regardless of input fluctuations.
* **Isolation Barrier:** A transformer providing galvanic isolation between the input and output, protecting sensitive downstream components.
* **Feedback Loop:** Optocoupler-based feedback (in isolated models) to maintain tight voltage regulation (typically ±1%).
---
### 3. Protection Features
These electronic parts are designed with integrated safety mechanisms to prevent damage to the circuit:
1. **Continuous Short Circuit Protection:** The device will automatically shut down or enter "hiccup mode" if a short occurs, recovering automatically once the fault is removed.
2. **Over Voltage Protection (OVP):** Prevents the output voltage from exceeding a safe threshold.
3. **Remote On/Off Control:** Allows the system to toggle the power converter state electronically without physically disconnecting the input.
---
### 4. Application Use Cases
| Industry | Typical Application |
| :--- | :--- |
| **Industrial** | PLC (Programmable Logic Controllers) and sensor nodes. |
| **Communication** | Remote antennas and distributed power architectures. |
| **Transportation** | On-board electronics for 24V vehicle systems. |
---
- ⤷
What are the specific pinout configurations for the SIP8 package on the AM5TW-RZ?
- ⤷ How does the efficiency curve change between a 24V and 48V input for this model?
- ⤷ Is there a specific external filter circuit recommended for EMI Class B compliance?