công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AM3T-4818D-RVZ

  • AI
    ### Overview of the AM3T-4818D-RVZ The **AM3T-4818D-RVZ** is a high-performance, isolated DC/DC converter manufactured by Aimtec. It is designed to provide stable power conversion in industrial, telecommunications, and battery-powered applications where high isolation and wide input ranges are required. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 18V to 72V DC (4:1 Ultra-wide range) | | **Output Voltage** | ±18V DC (Dual Output) | | **Output Current** | ±83 mA | | **Isolation Voltage** | 3000 VDC | | **Power Rating** | 3 Watts | | **Efficiency** | ~80% to 83% | | **Package Type** | DIP24 (Dual In-line Package) | --- ### Core Electronic Characteristics #### 1. Isolation Technology The "RVZ" suffix indicates a specific isolation and protection rating. With **3000VDC isolation**, the component acts as a safety barrier between the high-voltage input source and sensitive output electronics, preventing ground loops and protecting users from electrical shock. #### 2. Wide Input Range (4:1) Unlike standard converters that might only accept a narrow voltage (e.g., 9V-18V), this part features a **4:1 ratio**. This means it remains operational even if the supply voltage fluctuates significantly (between 18V and 72V), making it ideal for 24V and 48V battery systems. #### 3. Dual Output Configuration The "D" in the part number signifies **Dual Output**. It provides both a positive (+18V) and a negative (-18V) rail relative to a common ground. This is essential for powering: * Operational Amplifiers (Op-Amps) * Analog-to-Digital Converters (ADCs) * Audio processing circuits #### 4. Protection Features The internal circuitry includes several safety mechanisms to ensure long-term reliability: * **Continuous Short Circuit Protection:** Prevents damage to the converter if the output is accidentally grounded. * **Operating Temperature:** Typically rated for -40°C to +85°C, suitable for harsh environments. --- ### Typical Pinout Configuration (DIP24) ```text Pin 2, 3 -> -Vin (Input Ground) Pin 9 -> Common (Output Ground) Pin 11 -> -Vout (-18V) Pin 14 -> +Vout (+18V) Pin 16 -> Common (Output Ground) Pin 22, 23 -> +Vin (Positive Input) ```
    ✨ Follow-up Questions
    • ⤷ How does the 4:1 input ratio benefit battery-powered systems?
    • ⤷ What are the common use cases for a dual +/- 18V output?
    • ⤷ Are there specific thermal management requirements for this 3W converter?