AM3T-4812S-RVZ
AI

### Overview: AM3T-4812S-RVZ
The **AM3T-4812S-RVZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It is designed to provide regulated power in industrial and telecommunications environments where space is limited and high isolation is required.
---
### Technical Specifications
The following table highlights the primary electrical characteristics of the module:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 18V to 72V DC (48V Nominal) |
| **Output Voltage** | 12V DC |
| **Output Current** | 250 mA (Max) |
| **Output Power** | 3 Watts |
| **Isolation Voltage** | 1500 VDC (Standard) |
| **Package Type** | DIP24 (Dual In-line Package) |
| **Efficiency** | ~80% to 83% |
| **Operating Temperature** | -40°C to +85°C |
---
### Key Electronic Features
1. **Wide Input Range (4:1):**
Unlike standard converters, the "4:1" ratio allows the device to handle large fluctuations in input voltage (from 18V up to 72V), making it ideal for battery-powered systems where voltage drops occur.
2. **Galvanic Isolation:**
The "RVZ" suffix often denotes specific isolation and protection standards. It provides a barrier between the input and output circuits, protecting sensitive downstream components from high-voltage spikes on the input side.
3. **Short Circuit Protection:**
Includes continuous short-circuit protection with automatic recovery (hiccup mode), ensuring the device does not burn out during a fault.
4. **Low Ripple and Noise:**
Engineered to minimize electromagnetic interference (EMI), which is critical for sensitive analog or communication circuits.
---
### Internal Functional Block Diagram
The internal circuitry typically consists of the following stages:
* **Input Filter:** Suppresses incoming surges and high-frequency noise.
* **PWM Controller:** High-frequency switching (typically 200–300 kHz) to manage power conversion.
* **Transformer:** Provides the physical isolation and steps the voltage down.
* **Rectifier & Filter:** Converts the high-frequency AC back to stable 12V DC.
* **Feedback Loop:** Optocoupler-based feedback to maintain a steady 12V output regardless of load changes.
---
### Common Applications
* **Industrial Controls:** Powering sensors and PLCs.
* **Telecommunications:** Distributed power architectures.
* **Data Acquisition:** Providing clean power to ADC/DAC modules.
* **Battery Operated Equipment:** Handling variable discharge voltages.
- ⤷What are the specific pinout configurations for the DIP24 package on this model?
- ⤷ How does the 'RVZ' suffix differ from the standard 'RZ' series in Aimtec products?
- ⤷ Are there recommended external capacitors to reduce output ripple further?