AM3T-4809S-RZ
AI

The **AM3T-4809S-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It is designed to provide isolated power conversion in a compact package, commonly used in industrial and telecommunications applications.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the AM3T-4809S-RZ:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 18V to 72V DC (4:1 Ultra-wide input) |
| **Nominal Input Voltage** | 48V DC |
| **Output Voltage** | 9V DC |
| **Output Current** | 333 mA (Max) |
| **Max Output Power** | 3 Watts |
| **Isolation Voltage** | 1500 VDC |
| **Efficiency** | ~80% |
| **Package Type** | DIP24 (Plastic Case) |
---
### 2. Core Features
* **4:1 Wide Input Range:** Unlike standard converters, this part can handle a vast range of input voltages (18-72V), making it ideal for systems with fluctuating battery voltages or multiple power sources.
* **Isolation:** Provides 1500V DC galvanic isolation between the input and output, protecting sensitive downstream components from high-voltage spikes or ground loops.
* **Protection Mechanisms:**
* **Continuous Short Circuit Protection:** Automatically recovers once the fault is removed.
* **Over Voltage Protection:** Prevents damage to the load.
* **Operating Temperature:** Typically rated for **-40°C to +85°C**, allowing for use in harsh environments without external cooling.
---
### 3. Pin Configuration (DIP24)
The device follows a standard industrial footprint. While you should always consult the official datasheet for PCB layout, the typical pinout for this series is:
```text
Pin 2, 3 -> -V Input
Pin 9 -> No Pin / NC
Pin 11 -> No Connection
Pin 14 -> +V Output
Pin 16 -> -V Output
Pin 22, 23 -> +V Input
```
---
### 4. Typical Applications
* **Industrial Control Systems:** Powering sensors and microcontrollers from a 48V industrial bus.
* **Telecommunications:** Converting standard 48V telecom rails to logic-level 9V power.
* **Distributed Power Architectures:** Used to provide local voltage regulation on a PCB to reduce noise interference.
---
- ⤷
What are the recommended decoupling capacitors for the AM3T-4809S-RZ?
- ⤷ Is there a surface-mount (SMD) equivalent for this DIP24 module?
- ⤷ How does the efficiency change when the input voltage is at the maximum 72V?