AM3T-4807D-RZ
AI

The **AM3T-4807D-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It belongs to the AM3T series, which provides 3 watts of output power in a compact DIP24 package.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Power** | 3 Watts |
| **Input Voltage Range** | 36V to 72V DC (48V Nominal) |
| **Output Voltage** | Dual ±7.2V DC |
| **Output Current** | ±208 mA |
| **Isolation Voltage** | 1500 VDC |
| **Package Style** | DIP24 (Plastic or Metal) |
| **Efficiency** | ~78% to 82% |
---
### 2. Breakdown of the Model Name
To understand the electronic characteristics, we can decode the part number:
* **AM3T**: Series name (3 Watt regulated DC-DC converter).
* **48**: Nominal input voltage (48V). It features a 2:1 input range (36-72V).
* **07**: Primary output voltage (7.2V).
* **D**: **Dual** output. It provides both +7.2V and -7.2V relative to a common ground.
* **RZ**: Package/Pinout configuration (Standard DIP24 layout).
---
### 3. Core Electronic Features
#### A. Galvanic Isolation
This part provides **1500 VDC isolation** between the input and output stages. This is critical for breaking ground loops and protecting sensitive control logic from high-voltage noise or surges on the power rail.
#### B. Regulation & Protection
Unlike "fixed" converters, the AM3T-4807D-RZ is **fully regulated**.
* **Line Regulation:** Maintains stable output despite fluctuations in input voltage.
* **Load Regulation:** Maintains stable output despite changes in the current draw.
* **Short Circuit Protection:** Continuous protection with auto-recovery to prevent component burnout during faults.
#### C. Filtering
The device typically includes an internal **Pi-filter** on the input side to reduce reflected ripple current, minimizing electromagnetic interference (EMI) with other components on the PCB.
---
### 4. Typical Applications
* **Industrial Controls:** Powering dual-rail operational amplifiers (Op-Amps) that require symmetric positive and negative voltages.
* **Telecommunications:** 48V is the standard rail in telecom; this part converts that rail down to usable logic/analog levels.
* **Instrumentation:** Providing clean, isolated power to sensors and data acquisition circuits.
- ⤷
What are the specific pinout assignments for a DIP24 DC-DC converter?
- ⤷ Does this model require external capacitors for stability?
- ⤷ What is the operating temperature range for the AM3T-4807D-RZ?