AM3T-2409S-RZ
AI

## Technical Overview: AM3T-2409S-RZ
The **AM3T-2409S-RZ** is a high-performance, isolated DC-DC converter manufactured by **Aimtec**. It is designed for industrial, telecommunications, and instrumentation applications where stable voltage regulation and electrical isolation are required.
---
### 1. Key Technical Specifications
The following table summarizes the primary electronic characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 18V to 36V DC (24V Nominal) |
| **Output Voltage** | 9V DC |
| **Output Current** | 333 mA (Max) |
| **Power Rating** | 3 Watts |
| **Isolation Voltage** | 1500 VDC |
| **Package Style** | DIP24 (Dual In-line Package) |
| **Efficiency** | ~80% (Typical) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Functional Description
This part functions as a **Step-Down (Buck) or Step-Up (Boost)** regulated converter depending on the source, though it is primarily used to provide a steady 9V rail from a fluctuating 24V bus.
#### Core Electronic Components Internal to the Module:
* **Switching Controller:** High-frequency PWM controller to manage power conversion.
* **Isolation Transformer:** Provides the 1500VDC galvanic isolation between input and output.
* **Filter Capacitors:** Internal low-ESR capacitors to minimize input/output ripple.
* **Protection Circuitry:** Includes continuous short-circuit protection with auto-recovery.
---
### 3. Pin Configuration (DIP24)
Below is a typical pinout representation for the AM3T series (Single Output):
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 2, 3 | -Vin | Negative Input Voltage |
| 9 | NC | No Connection |
| 11 | NC | No Connection |
| 14 | +Vout | Positive Output Voltage |
| 16 | -Vout | Negative Output Voltage |
| 22, 23 | +Vin | Positive Input Voltage |
---
### 4. Application Considerations
* **Input Filtering:** While it has internal filters, an external electrolytic capacitor (approx. 100µF) is often recommended to handle surges.
* **Thermal Management:** At full 3W load in high-temperature environments, ensure adequate airflow to prevent thermal throttling.
* **Suffix "RZ":** The "RZ" suffix typically denotes specific packaging or environmental compliance (RoHS) standards specific to Aimtec’s manufacturing series.
- ⤷
What are the recommended external filter components for reducing output ripple?
- ⤷ Can this converter be used in a dual-output configuration?
- ⤷ What is the maximum capacitive load supported by the AM3T-2409S-RZ?