AM3T-2409D-RZ
AI

### AM3T-2409D-RZ Technical Overview
The **AM3T-2409D-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It belongs to the AM3T series, which is designed to provide regulated output power in a compact package, commonly used in industrial and communication applications.
---
### Core Specifications
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 18V to 36V DC (24V Nominal) |
| **Output Voltage** | ±9V DC (Dual Output) |
| **Output Current** | ±167 mA |
| **Max Output Power** | 3 Watts |
| **Isolation Voltage** | 1500 VDC |
| **Package Type** | DIP24 (Plastic Case) |
| **Efficiency** | ~80% (Typical) |
---
### Key Electronic Characteristics
#### 1. Input Parameters
* **Voltage Range:** It features a **2:1 wide input range**. For the "24" model, it handles fluctuations between 18V and 36V comfortably.
* **Filter:** Includes an internal Pi-network filter to minimize reflected ripple current and electromagnetic interference (EMI).
#### 2. Output Parameters
* **Dual Output:** The "D" in the part number signifies a **Dual Output** (±9V). This is ideal for powering operational amplifiers or circuits requiring balanced positive and negative rails.
* **Regulation:** It is a **regulated** converter, meaning the output voltage remains stable despite changes in input voltage or load conditions (Load regulation ±1%, Line regulation ±0.5%).
* **Protection:** Features continuous short-circuit protection with auto-recovery.
#### 3. Isolation and Safety
* **Galvanic Isolation:** Provides 1500VDC isolation between the input and output stages, protecting sensitive downstream components from high-voltage spikes on the input side.
* **Operating Temperature:** Designed to operate in harsh environments, typically ranging from **-40°C to +85°C**.
---
### Pinout Configuration (DIP24)
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 2, 3 | -V Input | Negative Input Voltage |
| 9 | Common | Common Ground for Outputs |
| 11 | -V Output | Negative 9V Output |
| 14 | +V Output | Positive 9V Output |
| 16 | Common | Common Ground for Outputs |
| 22, 23 | +V Input | Positive Input Voltage |
---
### Applications
* **Industrial Control Systems:** Powering sensors and actuators.
* **Instrumentation:** Providing clean power for precision measurement tools.
* **Telecommunications:** Used in distributed power architectures.
* **Data Acquisition:** Ideal for analog-to-digital conversion circuits requiring bipolar supply rails.
- ⤷
What is the difference between the 'RZ' and 'NZ' suffixes in Aimtec part numbers?
- ⤷ How do I calculate the thermal derating for this component at high temperatures?
- ⤷ Can this DC-DC converter be used in parallel to increase output current?