AM3T-2407S-RZ
AI

The **AM3T-2407S-RZ** is a high-performance, isolated DC-DC converter manufactured by **Aimtec**. It is designed to provide a stable 7.2V output from a wide 24V nominal input range, commonly used in industrial and telecommunications equipment.
---
### ## Technical Specifications
The following table summarizes the key electrical parameters for this component:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 18V - 36V DC (24V Nominal) |
| **Output Voltage** | 7.2V DC |
| **Output Current** | 417 mA (Max) |
| **Power Rating** | 3 Watts |
| **Isolation Voltage** | 1500 VDC |
| **Efficiency** | ~78% - 82% |
| **Package Type** | DIP24 (Plastic case) |
| **Operating Temperature** | -40°C to +85°C |
---
### ## Core Electronic Characteristics
### 1. 2:1 Wide Input Range
The "24" in the part number indicates a nominal 24V input, but the device can handle a wide range from **18V to 36V**. This makes it ideal for systems where battery voltage might fluctuate or where the power rail is shared with noisy inductive loads.
### 2. Isolation (1500 VDC)
The unit provides galvanic isolation between the input and output circuits. This is critical for:
* **Safety:** Protecting low-voltage logic circuits from high-voltage surges.
* **Noise Reduction:** Breaking ground loops in sensitive analog or communication systems.
### 3. Protection Mechanisms
This part includes several internal protection features to ensure long-term reliability:
* **Continuous Short Circuit Protection:** The device can withstand a short on the output indefinitely without damage, usually through "hiccup mode" recovery.
* **Input Filter:** Typically features an internal Pi-filter to reduce reflected ripple current.
### 4. Physical Form Factor (DIP24)
The **RZ** suffix indicates the package style. It uses a standard Dual-In-line Package (DIP) with 24 pins, though many pins are omitted or used for mechanical stability. It is often housed in a non-conductive black plastic case.
---
### ## Pinout Configuration (Standard DIP24)
*Typical layout for the AM3T series:*
| Pin Number | Function |
| :--- | :--- |
| 2, 3 | -V Input |
| 22, 23 | +V Input |
| 14 | +V Output |
| 16 | -V Output |
| Others | No Connection / Case Ground |
---
- ⤷
What are the typical applications for a 7.2V DC-DC converter?
- ⤷ Does this model require external capacitors for operation?
- ⤷ What is the difference between the 'S' and 'D' versions in the AM3T series?