công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AM3T-1218D-RZ

  • AI
    The **AM3T-1218D-RZ** is a high-performance, isolated DC-DC converter manufactured by **Aimtec**. It is designed to provide stable output voltage in industrial and telecommunications applications. ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 9V to 18V DC (2:1 Input Range) | | **Nominal Input** | 12V DC | | **Output Voltage** | ±18V DC (Dual Output) | | **Output Current** | ±83 mA | | **Max Power Rating** | 3 Watts | | **Isolation Voltage** | 1500 VDC | | **Package Type** | DIP24 (Plastic Case) | | **Efficiency** | ~80% to 82% | --- ### 2. Functional Breakdown The component consists of several internal electronic stages that ensure power quality and safety: * **Input Filter:** Often includes a Pi ($\pi$) filter to minimize electromagnetic interference (EMI) and reflected ripple current back to the power source. * **PWM Controller:** A high-frequency switching regulator that adjusts the duty cycle to maintain a steady ±18V output despite fluctuations in the 12V input. * **Isolation Barrier:** Uses a transformer to physically and electrically separate the input side from the output side. This protects sensitive downstream components from high-voltage surges. * **Rectification & Smoothing:** Converts the high-frequency AC from the transformer back into clean DC, using diodes and low-ESR capacitors. --- ### 3. Pinout Configuration (DIP24) While you should always consult the official datasheet for your specific PCB layout, the standard DIP24 configuration for this series is: | Pin Number | Function | | :--- | :--- | | 2, 3 | -V Input | | 9 | Common (Ground for Output) | | 11 | -V Output | | 14 | +V Output | | 16 | Common (Ground for Output) | | 22, 23 | +V Input | --- ### 4. Common Applications * **Operational Amplifiers:** Providing the positive and negative rails (±18V) required for high-fidelity analog signal processing. * **Industrial Controls:** Powering sensors and actuators that require isolated power to prevent ground loops. * **Data Acquisition:** Used in environments where noise isolation between the digital logic and analog measurement is critical. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a 2:1 and a 4:1 input range in DC-DC converters?
    • ⤷ Are there recommended external capacitors to reduce output ripple for the AM3T series?
    • ⤷ Does this model feature short-circuit protection?