AM3N-2409D-R
AI

The **AM3N-2409D-R** is a high-performance, isolated DC-DC converter manufactured by **Aimtec**. It belongs to the AM3N series, which is designed to provide regulated output power in a compact package.
---
### ## Technical Specifications
Below is a detailed breakdown of the electronic characteristics of the AM3N-2409D-R:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Input Voltage Range** | 18V – 36V DC | 24V Nominal input |
| **Output Voltage** | ±9V DC | Dual output configuration |
| **Output Current** | ±167 mA | Maximum current per rail |
| **Power Rating** | 3 Watts | Total output power |
| **Isolation Voltage** | 1000 VDC | Input to output isolation |
| **Efficiency** | ~80% | Typical efficiency at full load |
| **Package Type** | SIP8 | Single In-line Package (8 pins) |
| **Operating Temp** | -40°C to +85°C | Industrial grade temperature range |
---
### ### Key Features and Components
1. **Dual Output Configuration:** Unlike single-output converters, this part provides both +9V and -9V rails relative to a common ground. This is essential for powering operational amplifiers (Op-Amps) and analog circuitry.
2. **Regulated Output:** It ensures that the output voltage remains stable even if the input voltage fluctuates within the 18V-36V range or if the load changes.
3. **Short Circuit Protection:** It includes continuous short-circuit protection with auto-recovery, protecting the rest of the PCB from power faults.
4. **Compact SIP8 Housing:** The small footprint (approx. 21.85 x 9.20 x 11.10 mm) allows for high-density mounting on printed circuit boards.
---
### ### Typical Applications
* **Industrial Controls:** Powering sensors and actuators that require bipolar voltages.
* **Instrumentation:** Used in measurement devices to provide clean power to analog-to-digital converters (ADCs).
* **Communication Equipment:** Isolating noise between the power source and sensitive data transmission lines.
* **Data Acquisition:** Providing stable ±9V for signal conditioning circuits.
---
### ### Pinout Configuration (Generic SIP8 Dual)
While you should always consult the official datasheet for the exact layout, a standard SIP8 dual-output converter typically follows this logic:
* **Pin 1:** -Vin (Input Ground)
* **Pin 2:** +Vin (Positive Input)
* **Pin 3:** Remote On/Off (Optional/Not always used)
* **Pin 5:** No Connection (NC)
* **Pin 6:** +Vout (Positive Output)
* **Pin 7:** Common (Output Ground)
* **Pin 8:** -Vout (Negative Output)
- ⤷What is the difference between the AM3N-2409D-R and the AM3N-2409S-R?
- ⤷ Can this converter be used in medical applications requiring higher isolation?
- ⤷ What external capacitors are recommended for noise reduction?