công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AM3N-0509D-RZ

  • AI
    ## AM3N-0509D-RZ: Electronic Component Overview The **AM3N-0509D-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It is designed to provide isolation and voltage regulation in compact industrial or commercial electronic circuits. --- ### 1. Key Technical Specifications The model number provides a shorthand for its primary capabilities: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 5.5V (Nominal 5V DC) | | **Output Voltage** | ±9V DC (Dual Output) | | **Output Current** | ±167 mA | | **Power Rating** | 3 Watts | | **Isolation Voltage** | 1000 VDC | | **Package Type** | SIP7 (Single In-line Package) | | **Efficiency** | Up to 80% | --- ### 2. Functional Description This component acts as a **DC-DC Isolated Power Supply**. Its primary roles in a circuit are: 1. **Voltage Transformation**: It takes a standard 5V logic supply and boosts/splits it into a dual ±9V rail. This is essential for powering operational amplifiers (Op-Amps) and analog-to-digital converters (ADCs) that require symmetrical positive and negative voltages. 2. **Galvanic Isolation**: It provides 1000V of isolation between the input and output. This protects sensitive logic components (like microcontrollers) from high-voltage spikes or ground loops occurring on the output side. 3. **Space Efficiency**: The SIP7 package is a vertical mount design, saving significant PCB real estate compared to surface mount or larger DIP modules. --- ### 3. Typical Applications * **Analog Circuits**: Providing balanced power for audio pre-amplifiers or signal conditioning. * **Industrial Automation**: Isolating sensor data lines to prevent electrical noise interference. * **Data Communication**: Powering isolated RS-232 or RS-485 interfaces. * **Medical Equipment**: (Where non-critical isolation is required for signal integrity). --- ### 4. Pinout Configuration (Standard SIP7) While always refer to the specific datasheet before soldering, the standard SIP7 configuration for this series is typically: | Pin Number | Function | | :--- | :--- | | 1 | +V Input | | 2 | -V Input (GND) | | 4 | -V Output | | 5 | Common (0V) | | 6 | +V Output | ---
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for this 3W converter?
    • ⤷ Can this module be used in parallel for higher current output?
    • ⤷ What is the difference between the 'RZ' suffix and other variants in the AM3N series?