công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AM3N-0505D-RZ

  • AI
    The **AM3N-0505D-RZ** is a high-performance, isolated DC-DC converter manufactured by **Aimtec**. It is designed to provide a stable, dual output voltage from a single input source, typically used in industrial and telecommunication applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 5.5V (Nominal 5V DC) | | **Output Voltage** | ±5V DC (Dual Output) | | **Output Current** | ±300 mA | | **Isolation Voltage** | 1000V DC (Input to Output) | | **Power Rating** | 3 Watts | | **Efficiency** | ~72% to 78% | | **Package Type** | DIP24 (Plastic case) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Description The device acts as a regulated power supply module. It takes a standard 5V input and converts it into two symmetric rails (+5V and -5V). * **Isolation:** The 1000V DC isolation protects the input side (often sensitive microcontrollers) from electrical noise or surges originating on the output side (often sensors or analog circuits). * **Dual Output:** The "D" in the part number signifies a dual output, which is essential for powering operational amplifiers (Op-Amps) that require both positive and negative supply rails. * **Regulation:** Unlike unregulated converters, this "RZ" series typically offers tighter control over the output voltage despite fluctuations in input or load. --- ### 3. Pin Configuration (DIP24 Standard) The AM3N-0505D-RZ follows a standard DIP24 footprint. Below is the general pin assignment for this series: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1, 24 | +V Input | Positive Supply Input | | 12, 13 | -V Output | Negative Voltage Output (-5V) | | 11, 14 | Common | Ground/Common for Outputs | | 10, 15 | +V Output | Positive Voltage Output (+5V) | | 12, 13 | -V Input | Negative Supply Input (GND) | --- ### 4. Typical Applications * **Analog Circuits:** Providing bipolar power for Op-Amps and Data Converters (ADC/DAC). * **Industrial Automation:** Isolating control signals from actuator noise. * **Telecommunications:** Managing power distribution in small-scale network equipment. * **Testing Equipment:** Used in handheld meters where isolated power is required to prevent ground loops. ---
    ✨ Follow-up Questions
    • ⤷ How does the efficiency of the AM3N-0505D-RZ change with different load levels?
    • ⤷ What are the recommended external capacitors for reducing output ripple in this model?
    • ⤷ Can this DC-DC converter be used in medical applications requiring higher isolation?